Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 11Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 12Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 13Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 14Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-15
EM78P156E
Table 4 The values of T and P after RESET
Reset Type
T
P
Power-on
1
1
/RESET during operating mode
*P
*P
/RESET wake-up during SLEEP mode
1
0
WDT during operating mode
0
P
WDT wake-up during SLEEP mode
0
0
Wake-up on pin changed during SLEEP mode
1
0
*P: Previous status before reset
** To jump address 0x08, or to execute the instruction which is next to the “SLEP” instruction.
X: not used.
U: unknown or don’t care.
P: previous value before reset.
t: check Table 4
2.
The status of T and P of STATUS register
A RESET condition can be caused by the following events:
1. a power-on condition,
2. a high-low-high pulse on /RESET pin, and
3. Watchdog Timer time-out.
The values of T and P, listed in Table 4 can be used to check how the processor wakes up. Table 5 shows the events which
may affect the status of T and P .
Address
Name
Reset Type
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3 Bit 2 Bit 1 Bit 0
Bit Name
/PD7
/PD6
/PD5
/PD4
X
/PD2 /PD1 /PD0
0x0B
IOCB
Power-on
1
1
1
1
U
1
1
1
/RESET and WDT
1
1
1
1
U
1
1
1
Wake-up from Pin Changed
P
P
P
P
U
P
P
P
Bit Name
OD7
OD6
OD5
OD4
OD3 OD2 OD1 OD0
0x0C
IOCC
Power-on
0
0
0
0
0
0
0
0
/RESET and WDT
0
0
0
0
0
0
0
0
Wake-up from Pin Changed
P
P
P
P
P
P
P
P
Bit Name
/PH7
/PH6
/PH5
/PH4
/PH3 /PH2 /PH1 /PH0
0x0D
IOCD
Power-on
1
1
1
1
1
1
1
1
/RESET and WDT
1
1
1
1
1
1
1
1
Wake-up from Pin Changed
P
P
P
P
P
P
P
P
Bit Name
WDTC
EIS
X
ROC
X
X
X
X
0x0E
IOCE
Power-on
1
0
U
0
U
U
U
U
/RESET and WDT
1
0
U
0
U
U
U
U
Wake-up from Pin Changed
1
P
U
P
U
U
U
U
Bit Name
X
X
X
X
X
EXIE ICIE TCIE
0x0F
IOCF
Power-on
U
U
U
U
U
0
0
0
/RESET and WDT
U
U
U
U
U
0
0
0
Wake-up from Pin Changed
U
U
U
U
U
P
P
P
Bit Name
-
-
-
-
-
-
-
-
0x10
R10~R3F
Power-on
U
U
U
U
U
U
U
U
~ 0x3F
/RESET and WDT
P
P
P
P
P
P
P
P
Wake-up from Pin Changed
P
P
P
P
P
P
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com