Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  78P156 Datasheet HTML 1Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 2Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 3Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-3
EM78P156E
VI. FUNCTION DESCRIPTION
VI.1 Operational Registers
1.
R0 (Indirect Addressing Register)
• R0 is not a physically implemented register. Its major function is to be an indirect addressing pointer. Any instruction
using R0 as a pointer actually accesses data pointed by the RAM Select Register (R4).
2.
R1 (Time Clock /Counter)
• Increased by an external signal edge which is defined by TE bit (CONT-4) through the TCC pin,
or by the instruction cycle clock.
• Writable and readable as any other registers.
3.
R2 (Program Counter) & Stack
• R2 and hardware stacks are 10~12-bit wide. The structure is depicted in Fig. 3.
• Generating 1024x13 bits on-chip OTP ROM addresses to the relative programming instruction codes. One program
page is 1024 words long.
• The contents of R2 are set all “0”s upon a RESET condition.
• “JMP” instruction allows the direct loading of the lower 10 program counter bits. Thus, “JMP” allows PC to go to
any location within a page.
• “CALL” instruction loads the lower 10 bits of the PC, and then PC+1 is pushed into the stack. Thus, the subroutine
entry address can locate anywhere within a page.
“ RET” (“RETL K”, “RETI”) instruction loads the program counter with the contents of the top-level stack.
“ADD R2,A” allows a relative address to be added to the current PC, and the ninth and tenth bits of the PC are cleared.
• “MOV R2,A” allows to load an address from the “A” register to the lower 8 bits of the PC, and the ninth and tenth
bits of the PC are cleared.
• Any instruction which would change the contents of R2 (e.g. “ADD R2,A”, “MOV R2,A”, “BC R2,6”,......) will
cause the ninth and tenth bits (A8~A9) of the PC to be cleared. Thus, the computed jump is limited to the first
256 locations of a page.
• All instructions are single instruction cycle (fclk/2) except the instructions which would change the contents of R2
need one more instruction cycle.
Symbol
I/O
Function
/RESET
I
* Input pin with Schmitt trigger. If this pin remains at logic low, the controller
will keep in reset condition.
P50~P53
I/O
* P50~P53 are bi-directional I/O pins. P50 and P51 can also be defined as the
R-option pins. P50~P52 can be pulled down by software .
P60~P67
I/O
* P60~P67 are bi-directional I/O pins. These can be pull-high or can be open-
drain by software programming. In addition, P60~P63 can be pull-down
also by software.
/INT
I
* External interrupt pin triggered by falling edge.
V
DD
-
* Power supply.
V
SS
-
* Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com