Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  78P156 Datasheet HTML 1Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 2Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 3Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-5
EM78P156E
4.
R3 (Status Register)
7
6
5432
10
GP2
GP1
GP0
T
P
Z
DC
C
•
Bit 0 (C)
Carry flag
•
Bit 1 (DC)
Auxiliary carry flag
•
Bit 2 (Z)
Zero flag. Set to "1" if the result of an arithmetic or logic operation is zero.
•
Bit 3 (P)
Power-down bit. Set to 1 during power-on or by a “WDTC” command and reset to 0 by a
“SLEP” command.
•
Bit 4 (T)
Time-out bit. Set to 1 by the “SLEP” and “WDTC” commands, or during power-up and reset
to 0 by WDT time-out.
•
Bit 5~7 (GP0~2)
General-purpose read/write bits.
5.
R4 (RAM Select Register)
•
Bits 0 ~ 5 are used to select registers (address: 00~06, 0F~3F) in the indirect addressing mode.
•
Bits 6 ~ 7 are general-purpose read/write bits.
•
See the configuration of the data memory in Fig.4.
6.
R5 ~ R6 (Port 5 ~ Port 6)
•
R5 and R6 are I/O registers.
•
Only the lower 4 bits of R5 are available.
7.
RF (Interrupt Status Register)
7
6
5
4
32
10
-
-
-
-
-
EXIF
ICIF
TCIF
•
"1" means interrupt request, and "0" means non-interrupt occurence.
•
Bit 0 (TCIF)
TCC overflowing interrupt flag. Set when TCC timer overflows, reset by software.
•
Bit 1 (ICIF)
Port 6 input status changed interrupt flag. Set when Port 6 input changes, reset by software.
•
Bit 2 (EXIF)
External interrupt flag. Set by falling edge on /INT pin, reset by software.
•
Bits 3 ~ 7
Not used.
•
RF can be cleared by instruction but can not be set.
•
IOCF is the interrupt mask register.
•
Note that the result of reading RF is the "logic AND" of RF and IOCF.
8.
R10 ~ R3F
•
All of these are the 8-bit general-purpose registers.
VI.2 Special Purpose Registers
1.
A (Accumulator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com