Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 13Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 14Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-17
EM78P156E
008H. Once in the interrupt service routine, the source of an interrupt can be determined by polling the flag bits
in RF. The interrupt flag bit must be cleared by instructions before leaving the interrupt service routine and
enabling interrupts to avoid recursive interrupts.
The flag (except ICIF bit) in the Interrupt Status Register (RF) is set regardless of the status of its mask bit or the
execution of ENI. Note that the outcome of RF will be the logic AND of RF and IOCF. Refer to Fig.10. The
RETI instruction ends the interrupt routine and enables the global interrupt (the execution of ENI).
When an interrupt is generated by the INT instruction (when enabled), the next instruction will be fetched from
address 001H
Q
Q
P
R
CLK
C
L
D
Q
Q
P
R
CLK
C
L
D
/INT
IOD
VCC
/RESET
RF
IRQn
.
.
IRQm
ENI/DISI
RPRD
IOCFWR
IOCF
IOCFRD
RFWR
/IRQn
VI.7 Oscillator
1.
Oscillator Modes
EM78P156E can be operated in four different oscillator modes. There are Internal Capacitor oscillator mode (IRC),
External RC oscillator mode (ERC), High XTAL oscillator mode (HXT) and Low XTAL oscillator mode (LXT). Users
can select one of them by programming MS and HLF in the CODE option register. Table 6 depicts how these four modes
to be defined.
The up-limited operation frequency of crystal/resonator on the different VDDs is listed in Table 7.
Table 6 Oscillator Modes defined by MS, HLF, HLP and IRCEN
Mode
MS
HLF
HLP
IRCEN
External RC oscillator mode
0
*X
*X
1
High XTAL oscillator mode
1
1
*X
*X
Low XTAL oscillator mode
1
0
0
*X
Internal C, External R oscillator mode
0
*X
*X
0
<Note> 1. X, Do not care
2. The transient point of system frequency between HXT and LXY is around 400 KHz.
Fig. 10 Interrupt input circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com