Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 12 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 12 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 10Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 11Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 12Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 13Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 14Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-12
EM78P156E
Usage of Port 6 Input Status Changed Wake-up/Interrupt
(I) Wake-up from Port 6 input status changed
(II) Port 6 input status changed Interrupt
(a) Before SLEEP
1. Read I/O Port 6 (MOV R6,R6)
1. Disable WDT1 (using very carefully)
2. Execute "ENI"
2. Read I/O Port 6 (MOV R6,R6)
3. Enable interrupt (Set IOCF.1)
3. Execute "ENI" or "DISI"
4. If Port 6 changed (interrupt)
4. Enable interrupt (Set IOCF.1)
→ Interrupt vector (008H)
5. Execute “SLEP” instruction
(b) After wake-up
1. If "ENI"
→ Interrupt vector (008H)
2. If "DISI"
→ Next instruction
PCRD
PCWR
D
P
R
Q
Q
CLK
C
L
PDWR
PDRD
D
P
R
Q
Q
CLK
C
L
PORT
M
U
X
IOD
0
1
ROC
Rex *
Weekly
Pull-up
VCC
* The Rex is 430K ohm external resistor.
Fig. 8 The circuit of I/O port with R-option (P50,P51)
VI.5
RESET and Wake-up
1.
RESET
The RESET can be caused by
(1) Power-on reset
(2) /RESET pin input "low", or
(3) WDT time-out (if enabled).
Note that only power-on reset, or only voltage detector in Case (1) is enabled in the system by CODE option bit.
Refer to Fig. 9. The device will be kept in a RESET condition for a period of approx. 18ms (one-oscillator start-
up timer period) after the reset is detected. Once the RESET occurs, the following functions
are performed.
• The oscillator is running, or will be started.
• The Program Counter (R2) is set to all "0".
• All I/O port pins are configured as input mode (high-impedance state).
1
Note : Software disables WDT (watchdog timer) but hardware must be enabled before using port6 changed
wake-up function. (CODE Option Register, bit 11 (ENWDTB-) set to "1").
Table 2 Usage of Port 6 input changed wake-up/interrupt function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com