Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  78P156 Datasheet HTML 1Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 2Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 3Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-1
EM78P156E
I.
GENERAL DESCRIPTION
EM78P156E is an 8-bit microprocessor with low-power and high-speed CMOS technology. There is a 1K*13-
bit Electrical One Time Programmable Read Only Memory (OTP-ROM) within it. It provides a PROTECTION
bit to prevent a user’s code from intruding as well as 7 OPTION bits to match the user’s requirements.
Because of the OTP-ROM, the EM78P156E offers users a convenient way to develop and verify their programs.
Moreover, a user’s developed code can be programmed easily by an EMC writer.
II.
FEATURES
• Operating voltage range: 2.2V~5.5V
• Available in temperature range: 0
°C~70°C
• Operating frequency range: DC ~ 36MHz
• Low power consumption:
* less than 1.6 mA at 5V/4MHz
* typical of 15
µA at 3V/32KHz
* typical of 1
µA during the sleep mode
• 1Kx13 bits on chip ROM
• One security register to prevent the code in the OTP memory from intruding
• One configuration register to match the user’s requirements
• 48x8 bits on chip registers (SRAM)
• 2 bi-directional I/O ports
• 5 level stacks for subroutine nesting
• 8-bit real time clock/counter (TCC) with selective signal sources, trigger edges, and overflow interrupt
• Two clocks per instruction cycle
• Power-down mode (SLEEP mode)
• Three available interruptions
* TCC overflow interrupt
* Input-port status changed interrupt (wake up from the sleep mode)
* External interrupt
• Programmable free running watchdog timer
• 8 pull-high pins
• 7 pull-down pins
• 8 open-drain pins
• Two R-option pins
• Package type: SOP, SOIC and DIP
• 99.9% single instruction cycle commands


Similar Part No. - 78P156

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
78P156N FUMAN-78P156N Datasheet
1Mb / 29P
Eight-bit microcontroller
78P156S FUMAN-78P156S Datasheet
1Mb / 29P
Eight-bit microcontroller
More results

Similar Description - 78P156

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM80C85AHRS OKI-MSM80C85AHRS Datasheet
210Kb / 29P
8-Bit CMOS MICROPROCESSOR
MSM80C88A-10RS OKI-MSM80C88A-10RS Datasheet
270Kb / 37P
8-Bit CMOS MICROPROCESSOR
logo
ELAN Microelectronics C...
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
Intersil Corporation
80C88 INTERSIL-80C88 Datasheet
246Kb / 32P
CMOS 8/16-Bit Microprocessor
March 1997
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
8-bit microprocessor with low-power and high-speed CMOS technology
logo
NEC
UPD70236 NEC-UPD70236 Datasheet
7Mb / 104P
16-Bit Microprocessor, High-Speed, High-Intergration, CMOS
logo
ELAN Microelectronics C...
EM78P153E EMC-EM78P153E Datasheet
568Kb / 38P
EM78P153E is an 8-bit microprocessor with low-power and high-speed CMOS technology
logo
NXP Semiconductors
8XC52 PHILIPS-8XC52 Datasheet
348Kb / 55P
8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
logo
Intersil Corporation
CDP1802AC3 INTERSIL-CDP1802AC3 Datasheet
383Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
logo
Renesas Technology Corp
CDP1802AC RENESAS-CDP1802AC Datasheet
683Kb / 27P
High-Reliability CMOS 8-Bit Microprocessor
October 17, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com