Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 10Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 11Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-8
EM78P156E
Bit 6 (/PH6)
Control bit used to enable the pull-high of P66 pin.
Bit 7 (/PH7)
Control bit used to enable the pull-high of P67 pin.
•
IOCD register is readable and writable.
8.
IOCE (WDT Control Register)
7
6543
2
1
0
WDTE
EIS
-
ROC
-
-
-
-
Bit 7 (WDTE)
Control bit used to enable Watchdog Timer.
0: Disable WDT.
1: Enable WDT.
•
WDTE is both readable and writable.
Bit 6 (EIS)
Control bit used to define the function of P60 (/INT) pin.
0: P60, bi-directional I/O pin.
1: /INT, external interrupt pin. In this case, the I/O control bit of P60 (bit 0 of IOC6) must be set to “1”.
•
When EIS is “0”, the path of /INT is masked. When EIS is “1”, the status of /INT pin can also be read by
way of reading Port 6 (R6). Refer to Fig.7(a).
•
EIS is both readable and writable.
Bit 4 (ROC)
ROC is used for the R-option.
Setting the ROC to “1” will enable the status of R-option pins (P50~P51) to be read by the controller. Clearing
the ROC will disable the R-option function. If the R-option function is selected, the user must connect the P51
pin or/and P50 pin to VSS by a 430K
Ω external resistor (Rex). If the Rex is connected/disconnected, the status
of P50 (P51) will be read as “0”/”1". Refer to Fig.8.
•
ROC is readable and writable.
Bits 0~3, 5
Not used.
9.
IOCF (Interrupt Mask Register)
7
6
543
2
1
0
-
-
-
-
-
EXIE
ICIE
TCIE
Bit 0 (TCIE)
TCIF interrupt enable bit.
0: disable TCIF interrupt
1: enable TCIF interrupt
Bit 1 (ICIE)
ICIF interrupt enable bit.
0: disable ICIF interrupt
1: enable ICIF interrupt
Bit 2 (EXIE)
EXIF interrupt enable bit.
0: disable EXIF interrupt
1: enable EXIF interrupt
Bits 3~7
Not used.
•
Individual interrupt is enabled by setting its associated control bit in the IOCF to “1”.
•
Global interrupt is enabled by the ENI instruction and is disabled by the DISI instruction. Refer to Fig.10.
•
IOCF register is both readable and writable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com