Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 2Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 3Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 4Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 5Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 6Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 7Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 8Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 9Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-6
EM78P156E
•
Internal data transfer, or instruction operand holding
•
It can not be addressed.
2.
CONT (Control Register)
7
6
543
21
0
-
/INT
TS
TE
PAB
PSR2
PSR1
PSR0
Bit 0 (PSR0)~Bit 2 (PSR2) TCC/WDT prescaler bits.
PSR2
PSR1
PSR0
TCC Rate
WDT Rate
0
0
0
1:2
1:1
0
0
1
1:4
1:2
0
1
0
1:8
1:4
0
1
1
1:16
1:8
1
0
0
1:32
1:16
1
0
1
1:64
1:32
1
1
0
1:128
1:64
1
1
1
1:256
1:128
Bit 3 (PAB) Prescaler assignment bit.
0: TCC
1: WDT
Bit 4 (TE) TCC signal edge
0: increment if the transition from high to low takes place on TCC pin
1: increment if the transition from high to low takes place on TCC pin
Bit 5 (TS) TCC signal source
0: internal instruction cycle clock
1: transition on TCC pin
Bit 6 (INT) Interrupt enable flag
0: masked by DISI or hardware interrupt
1: enabled by ENI/RETI instruction
•
CONT register is both readable and writable.
3.
IOC5 ~ IOC6 (I/O Port Control Register)
•
“1” puts the relative I/O pin into high impedance, while “0” defines the relative I/O pin as output.
•
Only the lower 4 bits of IOC5 are able to be defined.
•
IOC5 and IOC6 registers are both readable and writable.
4.
IOCA (Prescaler Counter Register)
•
IOCA register is readable.
•
The value of IOCA is equal to the contents of Prescaler counter.
•
Down counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com