Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-19
EM78P156E
Table 8 Capacitor Selection Guide for Crystal Oscillator or Ceramic Resonators
Oscillator Type
Frequency Mode
Frequency
C1 (pF)
C2 (pF)
455 KHz
100~150
100~150
1.00 MHz
40~80
40~80
Ceramic Resonator
HXT
2.0 MHz
20~40
20~40
4.0 MHz
10~30
10~30
32.768 KHz
25
15
LXT
100 KHz
25
25
200 KHz
25
25
Crystal Oscillator
455 KHz
20~40
20~150
HXT
1.0 MHz
15~30
15~30
2.0 MHz
15
15
4.0 MHz
15
15
3.
ERC Oscillator Mode
For some applications whose timing need not be calculated precisely, the RC oscillator (Fig.13) offers a lot of cost
savings. Nevertheless, it should be aware that the frequency of the RC oscillator is the function of the supply voltage,
the values of the resistor (Rext), the capacitor (Cext), and even the operation temperature.
Moreover to this, the frequency also changes slightly from one chip to another due to the process variation.
In order to maintain a stable system frequency, the values of the Cext should not be less than 20pF as well as the
value of Rext should not be greater than 1M ohm. If they can not be kept in this range, the frequency is affected easily
by noise, humidity and leakage.
The smaller Rext the RC oscillator has, the faster frequency it gets. On the contrary, for very low Rext values,
for instance, 1K
Ω, the oscillator becomes unstable because the NMOS can not discharge the current of the
capacitance correctly.
On a basis of the above reasons, it must be kept in mind that all of the supply voltage, the operation temperature, the
components of the RC oscillator, the package types and the ways of PCB layout will effect the system frequency.
VCC
Rext
Cext
OSCI
EM78P156E
Fig. 13 Circuit for External RC Oscillator Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com