Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 23Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-20
EM78P156E
Table 9 RC Oscillator Frequencies
Cext
Rext
Average Fosc @ 5V, 25
°C
Average Fosc @ 3V, 25
°C
3.3k
3.92 MHz
3.65 MHz
5.1k
2.67 MHz
2.60 MHz
10k
1.39 MHz
1.40 MHz
100k
1.49 KHz
156 KHz
3.3k
1.39 MHz
1.33 MHz
5.1k
940 KHz
920 KHz
10k
480 KHz
475 KHz
100k
52 KHz
50 KHz
3.3k
595 KHz
560 KHz
5.1k
400 KHz
390 KHz
10k
200 KHz
200 KHz
100k
21 KHz
20 KHz
* 1. Measured on DIP packages.
2. Design reference only
4.
IRC Oscillator Mode
In IRC mode, it consists of an internal C which default frequency value is 4MHz. We suggest that the external Resistant
value here should be 50K
Ω connected to vdd with internal C.
VI.8 CODE Option Register
1.
Code Option Register
The EM78P156E has one Code option register which is not a part of the normal program memory. The option bits
can not be accessed during normal program execution.
12
11
10
9
8
7
6
5~0
MS
ENWDTB
CLKS
PTB
HLF
IRCEN
HLP
------
Bit 12 (MS): Oscillator type selection.
0: RC type
1: XTAL type (XTAL1 and XTAL2)
Bit 11 (ENWDTB): Watchdog Timer enable.
0: Enable
1: Disable
Bit 10 (CLKS): Instruction period option.
0: two oscillator periods
1: four oscillator periods
Refer to the section of Instruction Set.
Bit 9 (PTB): Protect bit
0: Enable
1: Disable
Bit 8 (HLF): XTAL frequency selection.
0: XTAL2 type (Low frequency, 32.768KHz)
300pF
100pF
20pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com