Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 23Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 24Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 25Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 26Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 27Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 28Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-27
EM78P156E
Input CLK duty cycle
Dclk
45
50
55
%
Instruction cycle time
Tins
XTAL Type
125
DC
ns
(CLKS="0")
RC Type
500
DC
ns
TCC input period
Ttcc
(Tins+20)/N*
ns
Device reset hold time
Tdrh
Ta = 25
°C
16.8
ms
Watchdog Timer period
Twdt
Ta = 25
°C
16.8
ms
Input pin setup time
Tset
0
ns
Input pin hold time
Thold
20
ns
Output pin delay time
Tdelay
Cload=20pF
50
ns
Note : N*= selected prescaler ratio.
IX.
VOLTAGE DETECTOR ELECTRICAL CHARACTERISTIC (Ta = 25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Detect voltage
Vdet
1.7
1.8
1.9
V
Release voltage
Vrel
Vdet x1.05
V
Current consumption
Iss
V
DD = 5V
5
µA
Operating voltage
Vop
0.7*
5.5
V
Temperature
∆Vdet/
0
°C ≤Ta≤ 70°C
-2
mV/
°C
characteristic of Vdet
∆Ta
X.
AC ELECTRICAL CHARACTERISTICS (Ta=0
°C ~ 70°C, V
DD=5.0V±5%, VSS=0V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com