Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 14Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-18
EM78P156E
Table 7 The summary of maximum operating speeds
Conditions
VDD (V)
Fxt max. (MHz)
2.5
8
Two clocks
3
12
518
6.4
20
2.5
16
Four clocks
3
24
536
6.5
40
2. Crystal Oscillator/Ceramic Resonators (XTAL)
EM78P156E can be driven by an external clock signal through the OSCI pin as shown in Fig.11
Ext. Clock
OSCI
OSCO
EM78P156E
Fig. 11 Circuit for External Clock Input
In the most applications, pin OSCI and pin OSCO can be connected with a crystal or ceramic resonator to generate
oscillation. Fig.12 depicts the circuit. It is the same no matter in the HXT mode or in the LXT mode. Table 8
recommends the values of C1 and C2. Since each resonator has its own attribute, users should refer to their specifications
for appropriate values of C1 and C2. RS, a serial resistor, may be necessary for AT strip cut crystal or low frequency
mode
OSCI
OSCO
EM78P156E
C1
C2
XTAL
RS
Fig. 12 Circuit for Crystal/Resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com