Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 31Page - NXP Semiconductors TEF6894H Datasheet HTML 32Page - NXP Semiconductors TEF6894H Datasheet HTML 33Page - NXP Semiconductors TEF6894H Datasheet HTML 34Page - NXP Semiconductors TEF6894H Datasheet HTML 35Page - NXP Semiconductors TEF6894H Datasheet HTML 36Page - NXP Semiconductors TEF6894H Datasheet HTML 37Page - NXP Semiconductors TEF6894H Datasheet HTML 38Page - NXP Semiconductors TEF6894H Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
2003 Oct 21
35
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
handbook, halfpage
0.25
0.5
1.5
Veq (V)
0
6
18
24
12
0.75
1
α
mute
(dB)
1.25
MHC341
(1)
ab
(2)
(3)
(4)
Fig.14 Soft mute depth
αmute caused by ultrasonic noise.
a: MST[2:0] = 000, MSL[1:0] = 11
b: MST[2:0] = 100, MSL[1:0] = 01
(1) UMD[1:0] = 00 = 3 dB.
(2) UMD[1:0] = 01 = 6 dB.
(3) UMD[1:0] = 10 = 9 dB.
(4) UMD[1:0] = 11 = 12 dB.
11.2.8
SUBADDRESS AH; RADIO
Table 34 Format of data byte AH with default setting
Table 35 Description of data byte AH
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
AM
MONO
DEMP
ING1
ING0
SEAR
NBS1
NBS0
00100110
BIT
SYMBOL
DESCRIPTION
7AM
AM selection. 0 = FM mode selected; 1 = AM mode selected.
6
MONO
Stereo decoder mono. 0 = set to FM stereo; 1 = set to FM mono.
5
DEMP
De-emphasis time constant. 0 = 75
µs; 1 = 50 µs; see Fig.15.
4 and 3
ING[1:0]
Input gain. See Table 36.
2
SEAR
LEVEL and MPH detector time constant. 0 = standard time constant selected;
1 = fast time constant of 60 ms selected.
1 and 0
NBS[1:0]
AM noise blanker and the FM noise blanker MPX sensitivity. See Table 37.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com