Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 40Page - NXP Semiconductors TEF6894H Datasheet HTML 41Page - NXP Semiconductors TEF6894H Datasheet HTML 42Page - NXP Semiconductors TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
2003 Oct 21
44
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 55 Bass gain
Table 56 Bass frequency
11.2.14 SUBADDRESS 10H; FADER
Table 57 Format of data byte 10H with default setting
Table 58 Description of data byte 10H
BAS2
BAS1
BAS0
BASM
BASS CONTROL (dB)
1111
14
1101
12
1011
10
1001
8
0111
6
0101
4
0011
2
0001
0
0000
0
0010
−2
0100
−4
0110
−6
1000
−8
1010
−10
1100
−12
1110
−14
BAF1
BAF0
BASS FREQUENCY (Hz)
00
60
01
80
1
0
100
1
1
120
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−−
FAD4
FAD3
FAD2
FAD1
FAD0
FADM
−−
000001
BIT
SYMBOL
DESCRIPTION
7 and 6
−
Not used. Set to logic 0.
5 to 1
FAD[4:0]
Fader gain. See Table 59.
0
FADM
Fader gain mode. 0 = front output attenuated; 1 = rear output attenuated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com