Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
2003 Oct 21
17
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Vstart(HCC)
HCC start voltage
see Fig.9; faudio = 10 kHz; voltage at
pin LEVEL that causes
αHCC = 3 dB;
HSL[1:0] = 10
HST[2:0] = 000
−
1.17
−
V
HST[2:0] = 001
−
1.42
−
V
HST[2:0] = 010
−
1.67
−
V
HST[2:0] = 011
−
1.92
−
V
HST[2:0] = 100
−
2.17
−
V
HST[2:0] = 101
−
2.67
−
V
HST[2:0] = 110
−
3.17
−
V
HST[2:0] = 111
−
3.67
−
V
CHCC
HCC slope
see Fig.10; faudio = 10 kHz;
HST[2:0] = 010
HSL[1:0] = 00
−
9
−
dB/V
HSL[1:0] = 01
−
11
−
dB/V
HSL[1:0] = 10
−
14
−
dB/V
HSL[1:0] = 11
−
18
−
dB/V
α
HCC(max)
maximum HCC
attenuation
see Fig.10; faudio =10kHz
HCSF = 1
−
10
−
dB
HCSF = 0
−
14
−
dB
fcut-off
cut-off frequency of fixed
HCC
see Table 31;
−3 dB point (first order
filter)
HCF[2:0] = 000
−
1.5
−
kHz
HCF[2:0] = 001
−
2.2
−
kHz
HCF[2:0] = 010
−
3.3
−
kHz
HCF[2:0] = 011
−
4.7
−
kHz
HCF[2:0] = 100
−
6.8
−
kHz
HCF[2:0] = 101
−
10
−
kHz
HCF[2:0] = 110
−
wide
−−
HCF[2:0] = 111
−
unlimited
−−
Analog-to-digital converters for I2C-bus
LEVEL ANALOG-TO-DIGITAL CONVERTER (8-BIT); see Fig.4
VLEVEL(min)
lower voltage limit of
conversion range
−
0.25
−
V
VLEVEL(max)
upper voltage limit of
conversion range
−
4.25
−
V
∆V
LEVEL
bit resolution voltage
−
15.7
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
C
HCC
α
HCC
∆
V
eq
∆
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com