Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 10Page - NXP Semiconductors TEF6894H Datasheet HTML 11Page - NXP Semiconductors TEF6894H Datasheet HTML 12Page - NXP Semiconductors TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
2003 Oct 21
14
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Weak signal processing
DETECTORS
Veq(USN)
USN sensitivity equivalent
level voltage
see Fig.5; fMPXRDS = 150 kHz;
VMPXRDS = 250 mV (RMS);
HCMP = 1; note 2
USS[1:0] = 00
−
2.5
−
V
USS[1:0] = 01
−
2
−
V
USS[1:0] = 10
−
1.5
−
V
USS[1:0] = 11
−
0.5
−
V
Veq(WAM)
WAM sensitivity
equivalent level voltage
see Fig.6; VLEVEL = 200 mV (p-p) at
f = 21 kHz on the level voltage;
HCMP = 1; note 2
WAS[1:0] = 00
−
2.5
−
V
WAS[1:0] = 01
−
2
−
V
WAS[1:0] = 10
−
1.5
−
V
WAS[1:0] = 11
−
0.5
−
V
tLEVEL(attack)
level detector attack time
(soft mute and HCC)
see Table 24; LETF = 0; SEAR = 0
LET[1:0] = 00
−
3
−
s
LET[1:0] = 01
−
3
−
s
LET[1:0] = 10
−
1.5
−
s
LET[1:0] = 11
−
0.5
−
s
see Table 24; LETF = 1; SEAR = 0
LET[1:0] = 00
−
0.5
−
s
LET[1:0] = 01
−
0.17
−
s
LET[1:0] = 10
−
0.06
−
s
LET[1:0] = 11
−
0.06
−
s
search mode; SEAR = 1
−
60
−
ms
tLEVEL(decay)
level detector decay time
(soft mute and HCC)
see Table 24; LETF = 0; SEAR = 0
LET[1:0] = 00
−
3
−
s
LET[1:0] = 01
−
6
−
s
LET[1:0] = 10
−
1.5
−
s
LET[1:0] = 11
−
1.5
−
s
see Table 24; LETF = 1; SEAR = 0
LET[1:0] = 00
−
0.5
−
s
LET[1:0] = 01
−
0.5
−
s
LET[1:0] = 10
−
0.17
−
s
LET[1:0] = 11
−
0.06
−
s
search mode; SEAR = 1
−
60
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com