Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 42Page - NXP Semiconductors TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors TEF6894H Datasheet HTML 49Page - NXP Semiconductors TEF6894H Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
2003 Oct 21
46
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
11.2.16 SUBADDRESS 12H; MIX
Table 63 Format of data byte 12H with default setting
Table 64 Description of data byte 12H
11.2.17 SUBADDRESS 13H; BEEP
Table 65 Format of data byte 13H with default setting
Table 66 Description of data byte 13H
Table 67 Beep level
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MILF
MIRF
MILR
MIRR
MULF
MURF
MULR
MURR
00001111
BIT
SYMBOL
DESCRIPTION
7
MILF
Mixer left front LFOUT. 0 = no mix; 1 = mix with NAV input and BEEP.
6
MIRF
Mixer right front RFOUT. 0 = no mix; 1 = mix with NAV input and BEEP.
5
MILR
Mixer left rear LROUT. 0 = no mix; 1 = mix with NAV input and BEEP.
4
MIRR
Mixer right rear RROUT. 0 = no mix; 1 = mix with NAV input and BEEP.
3
MULF
Mutes left front LFOUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
2
MURF
Mutes right front RFOUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
1
MULR
Mutes left rear LROUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
0
MURR
Mutes right rear RROUT. 0 = no mute; 1 = mute except for NAV input and BEEP.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
BEL2
BEL1
BEL0
BEF1
BEF0
NAV
−−
000000
−−
BIT
SYMBOL
DESCRIPTION
7 to 5
BEL[2:0]
Beep level. See Table 67.
4 and 3
BEF[1:0]
Beep frequency. See Table 68.
2NAV
Mute NAV. 0 = mute; 1 = no mute.
1 and 0
−
Not used. Set to logic 0.
BEL2
BEL1
BEL0
BEEP LEVEL (mV)
000
mute
001
13
010
18
011
28
100
44
101
60
110
90
111
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com