Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 41 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 37Page - NXP Semiconductors TEF6894H Datasheet HTML 38Page - NXP Semiconductors TEF6894H Datasheet HTML 39Page - NXP Semiconductors TEF6894H Datasheet HTML 40Page - NXP Semiconductors TEF6894H Datasheet HTML 41Page - NXP Semiconductors TEF6894H Datasheet HTML 42Page - NXP Semiconductors TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
2003 Oct 21
41
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
11.2.12 SUBADDRESS EH; TREBLE
Table 49 Format of data byte EH with default setting
Table 50 Description of data byte EH, see Fig.20
Table 51 Treble gain
0100001
−1
0100010
−2
::::::::
1011010
−58
1011011
−59
1011100
mute
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−
TRE2
TRE1
TRE0
TREM
TRF1
TRF0
−
−
000101
−
BIT
SYMBOL
DESCRIPTION
7
−
Not used. Set to logic 0.
6 to 4
TRE[2:0]
Treble gain. See Table 51.
3
TREM
Treble attenuation or gain. 0 = attenuation; 1 = gain; see Table 51.
2 and 1
TRF[1:0]
Treble frequency. See Table 52.
0
−
Not used. Set to logic 0.
TRE2
TRE1
TRE0
TREM
TREBLE CONTROL (dB)
1111
14
1101
12
1011
10
1001
8
0111
6
0101
4
0011
2
0001
0
0000
0
0010
−2
0100
−4
0110
−6
1000
−8
1010
−10
1100
−12
1110
−14
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
GAIN (dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com