Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors TEF6894H Datasheet HTML 16Page - NXP Semiconductors TEF6894H Datasheet HTML 17Page - NXP Semiconductors TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
2003 Oct 21
18
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
ULTRASONIC NOISE ANALOG-TO-DIGITAL CONVERTER (4-BIT); see Fig.5
VUSN(min)(rms)
conversion range lower
voltage limit (RMS value)
fFMMPX = 150 kHz
−
0
−
V
VUSN(max)(rms)
conversion range upper
voltage limit (RMS value)
fFMMPX = 150 kHz
−
0.75
−
V
∆V
USN(rms)
bit resolution voltage
(RMS value)
−
50
−
mV
WIDEBAND AM ANALOG-TO-DIGITAL CONVERTER (4-BIT); see Fig.6
VWAM(min)(p-p)
lower voltage limit of
conversion range
(peak-to-peak value)
fLEVEL =21kHz
−
0
−
mV
VWAM(max)(p-p)
upper voltage limit of
conversion range
(peak-to-peak value)
fLEVEL =21kHz
−
800
−
mV
∆V
WAM(p-p)
bit resolution voltage
(peak-to-peak value)
−
53.3
−
mV
Tone/volume control
Zi
input impedance at pins
TAPEL, TAPER, CDL and
CDR
80
−−
k
Ω
input impedance at
pin PHONE
50
−−
k
Ω
Zo
output impedance at
pins LFOUT, RFOUT,
LROUT and RROUT
−−
100
Ω
Gs(main)
signal gain from main
source input to LFOUT,
RFOUT, LROUT and
RROUT outputs
−1
−
+1
dB
Gs(NAV)
signal gain from NAV
input to LFOUT, RFOUT,
LROUT and RROUT
outputs
−1.5
0
+1.5
dB
Vi(max)(rms)
maximum input voltage
level at pins TAPEL,
TAPER, CDL, CDR and
PHONE (RMS value)
THD = 0.1%; Gvol = −6dB
2
−−
V
Vi(NAV)(max)(rms) maximum input voltage
level at pin NAV
(RMS value)
THD = 1%
0.3
−−
V
Vo(max)(rms)
maximum output voltage
(RMS value)
THD = 0.1%; Gvol =+6dB
2
−−
V
worst case load: RL =2kΩ,
CL = 10 nF, THD = 1%
2
−−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com