Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 47 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors TEF6894H Datasheet HTML 49Page - NXP Semiconductors TEF6894H Datasheet HTML 50Page - NXP Semiconductors TEF6894H Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
2003 Oct 21
47
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 68 Beep frequency
11.2.18 SUBADDRESS 1FH; AUTOGATE
Table 69 Format of data byte 1FH with default setting
Table 70 Description of data byte 1FH
BEF1
BEF0
BEEP FREQUENCY (Hz)
0
0
500
0
1
1000
1
0
2000
1
1
3000
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
AGA6
AGA5
AGA4
AGA3
AGA2
AGA1
AGA0
AGOF
−−−−−−−
1
BIT
SYMBOL
DESCRIPTION
7 to 1
AGA[6:0]
I2C-bus device address definition. These bits define the I2C-bus device address
definition for the automatic control of the I2C-bus loop through gate. The subaddress
auto-increment function reverts from SA = 30 to SA = 0, excluding the AUTOGATE byte
(SA = 31). The AUTOGATE byte can only be accessed via direct subaddress selection
of SA = 31, in which case auto-increment will revert to SA = 0.
0
AGOF
Autogate function enable. 0 = enable; 1 = disable [The autogate function is not
compatible with the TEA684x tuner devices. For the TEA684x the use of the shortgate
(SGAT) function is advised].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com