Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 32Page - NXP Semiconductors TEF6894H Datasheet HTML 33Page - NXP Semiconductors TEF6894H Datasheet HTML 34Page - NXP Semiconductors TEF6894H Datasheet HTML 35Page - NXP Semiconductors TEF6894H Datasheet HTML 36Page - NXP Semiconductors TEF6894H Datasheet HTML 37Page - NXP Semiconductors TEF6894H Datasheet HTML 38Page - NXP Semiconductors TEF6894H Datasheet HTML 39Page - NXP Semiconductors TEF6894H Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
2003 Oct 21
36
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 36 Input gain
Table 37 Noise blanker sensitivity
ING1
ING0
GAIN FOR
FMMPX INPUT
(dB)
GAIN FOR AM
AND MPXRDS
INPUT (dB)
00
0
0
01
3
3
10
6
6
1
1
23.5
0
NBS1
NBS0
SENSITIVITY
OF FM NOISE
BLANKER AT
MPXRDS INPUT
(mV)
SENSITIVITY
OF AM NOISE
BLANKER (%)
0
0
90
110
0
1
150
140
1
0
210
175
1
1
270
220
handbook, full pagewidth
−24
−20
−16
−12
−8
−4
−22
−18
−14
−10
−6
−2
6
4
2
0
MHC342
10
(1)
(2)
Gde-em
(dB)
faudio (Hz)
102
103
104
105
Fig.15 De-emphasis gain Gde-em as a function of audio frequency faudio.
(1)
τde-em =50 µs.
(2)
τde-em =75 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com