Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 36Page - NXP Semiconductors TEF6894H Datasheet HTML 37Page - NXP Semiconductors TEF6894H Datasheet HTML 38Page - NXP Semiconductors TEF6894H Datasheet HTML 39Page - NXP Semiconductors TEF6894H Datasheet HTML 40Page - NXP Semiconductors TEF6894H Datasheet HTML 41Page - NXP Semiconductors TEF6894H Datasheet HTML 42Page - NXP Semiconductors TEF6894H Datasheet HTML 43Page - NXP Semiconductors TEF6894H Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
2003 Oct 21
40
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
handbook, full pagewidth
−24
−20
−16
−12
−8
−4
−22
−18
−14
−10
−6
−2
6
4
2
0
MHC346
10
Gloudness
(dB)
faudio (Hz)
102
103
104
105
Fig.19 Loudness gain Gloudness as a function of audio frequency faudio;
low boost frequency 100 Hz and high boost off.
11.2.11 SUBADDRESS DH; VOLUME
Table 46 Format of data byte DH with default setting
Table 47 Description of data byte DH
Table 48 Volume setting
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
−
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
−
0100000
BIT
SYMBOL
DESCRIPTION
7
−
Not used. Set to logic 0.
6 to 0
VOL[6:0]
Volume setting. See Table 48.
VOL6
VOL5
VOL4
VOL3
VOL2
VOL1
VOL0
GAIN (dB)
0001100
20
0001101
19
0001110
18
::::::::
00111102
00111111
01000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com