Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 18Page - NXP Semiconductors TEF6894H Datasheet HTML 19Page - NXP Semiconductors TEF6894H Datasheet HTML 20Page - NXP Semiconductors TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors TEF6894H Datasheet HTML 23Page - NXP Semiconductors TEF6894H Datasheet HTML 24Page - NXP Semiconductors TEF6894H Datasheet HTML 25Page - NXP Semiconductors TEF6894H Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
2003 Oct 21
22
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Notes
1. The LOW voltage of pin SCLG is influenced by VSCL: VSCLG(LOW) ≥ VSCL(LOW) + 0.22 V.
2. The equivalent level voltage is that value of the level voltage (at pin LEVEL) which results in the same weak signal
control effect (for instance HCC roll-off) as the output value of the specified detector (USN, WAM and MPH).
3. Crosstalk between bus inputs and signal outputs:
Gstep(fader)
step resolution gain
(fader)
see Table 59
Gfader =0to −15 dB
−
1
−
dB
Gfader = −15 to −45 dB
−
2.5
−
dB
Gfader = −45 to −51 dB
−
3
−
dB
Gfader = −51 to −59 dB
−
4
−
dB
α
mute
audio mute
volume control: mute and output
muted (bits MULF, MURF, MULR
and MURR)
90
−−
dB
BEEP
fbeep
beep generator frequency see Table 68
BEF[1:0] = 00
−
500
−
Hz
BEF[1:0] = 01
−
1
−
kHz
BEF[1:0] = 10
−
2
−
kHz
BEF[1:0] = 11
−
3
−
kHz
Vbeep(rms)
beep generator audio
level (RMS value)
see Table 67
BEL[2:0] = 000
−
0
−
mV
BEL[2:0] = 001
−
13.3
−
mV
BEL[2:0] = 010
−
18
−
mV
BEL[2:0] = 011
−
28
−
mV
BEL[2:0] = 100
−
44
−
mV
BEL[2:0] = 101
−
60
−
mV
BEL[2:0] = 110
−
90
−
mV
BEL[2:0] = 111
−
150
−
mV
THDbeep
total harmonic distortion
of beep generator
fbeep = 1 kHz or 2 kHz
−−
7%
Power-on reset (all registers in default setting, outputs muted, standby mode)
Vth(POR)
threshold voltage of
Power-on reset
−
6.3
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
α
ct
20log
V
bus(p-p)
V
o(rms)
---------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com