Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 29Page - NXP Semiconductors TEF6894H Datasheet HTML 30Page - NXP Semiconductors TEF6894H Datasheet HTML 31Page - NXP Semiconductors TEF6894H Datasheet HTML 32Page - NXP Semiconductors TEF6894H Datasheet HTML 33Page - NXP Semiconductors TEF6894H Datasheet HTML 34Page - NXP Semiconductors TEF6894H Datasheet HTML 35Page - NXP Semiconductors TEF6894H Datasheet HTML 36Page - NXP Semiconductors TEF6894H Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
2003 Oct 21
33
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 31 Fixed high cut control
handbook, halfpage
0
0.5
Veq (V)
12
1.5
α
HCC
(dB)
2.5
0
Bmax
(kHz)
unlimited
wide
10
6.8
4.7
3.3
2.2
1.5
18
12
15
9
6
3
MHC337
HCSF = 0
HCSF = 1
(1)
(2)
(3)
(4)
Fig.10 High cut control attenuation
αHCC as a
function of equivalent level voltage Veq
(slope).
HST[2:0] = 010 and faudio =10kHz
(1) HSL[1:0] = 00 = 9 dB/V.
(2) HSL[1:0] = 01 = 11 dB/V.
(3) HSL[1:0] = 10 = 14 dB/V.
(4) HSL[1:0] = 11 = 18 dB/V.
HCF2
HCF1
HCF0
Bmax (kHz)
000
1.5
001
2.2
010
3.3
011
4.7
100
6.8
101
10
1
1
0
wide
1
1
1
unlimited
handbook, full pagewidth
−24
−20
−16
−12
−8
−4
−22
−18
−14
−10
−6
−2
6
4
2
0
MHC338
10
GHCC
(dB)
faudio (Hz)
102
103
104
105
Fig.11 High cut control gain GHCC as a function of audio frequency faudio (fixed HCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com