Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 7Page - NXP Semiconductors TEF6894H Datasheet HTML 8Page - NXP Semiconductors TEF6894H Datasheet HTML 9Page - NXP Semiconductors TEF6894H Datasheet HTML 10Page - NXP Semiconductors TEF6894H Datasheet HTML 11Page - NXP Semiconductors TEF6894H Datasheet HTML 12Page - NXP Semiconductors TEF6894H Datasheet HTML 13Page - NXP Semiconductors TEF6894H Datasheet HTML 14Page - NXP Semiconductors TEF6894H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
2003 Oct 21
11
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
8
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1. Machine model (R = 0
Ω, C = 200 pF).
2. Human body model (R = 1.5 k
Ω, C = 100 pF).
9
THERMAL CHARACTERISTICS
10 CHARACTERISTICS
FM part: fFMMPX = 1 kHz at VFMMPX = 767 mV (RMS); pilot off (100% FM). AM part: fAM = 1 kHz at
VAM = 967 mV (RMS) (100% AM). Treble: 10 kHz filter frequency. Bass: 60 Hz filter frequency. Loudness: 50 Hz filter
frequency; treble loudness on. VCC = 8.5 V; Tamb =25 °C; see Fig.23; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCC
supply voltage
−0.3
+10
V
Vi
input voltage for any pin
−0.3
VCC + 0.3 V
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C
Vesd
electrostatic discharge voltage
note 1
−200
+200
V
note 2
−2000
+2000
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
61
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
8.0
8.5
9.0
V
ICC
supply current
normal mode
−
24
−
mA
standby
−
15
−
mA
Logic pins
VIH
HIGH-level input voltage
pins SDA, SCL, ADDR and SDAG
1.75
−
5.5
V
pins AFHOLD and AFSAMP
1.75
−
5.5
V
VIL
LOW-level input voltage
pins SDA, SCL, ADDR and SDAG
−0.2
−
+1.0
V
pins AFHOLD and AFSAMP
−0.2
−
+1.0
V
VOL
LOW-level output voltage
pin SCLG; IOL = 3 mA; note 1
−−
0.4
V
pin SDA; IOL =3mA
−−
0.4
V
Stereo decoder and AM path
Vo(FM)(rms)
FM mono output voltage
(RMS value) on
pins LFOUT and RFOUT
fFMMPX = 1 kHz; 91% FM modulation
without pilot (VFMMPX = 698 mV)
750
950
1200
mV
Vo(AM)(rms)
AM output voltage
(RMS value) on
pins LFOUT and RFOUT
fAM = 1 kHz; VAM = 870 mV;
90% AM modulation
800
1080
1360
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com