Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 21Page - NXP Semiconductors TEF6894H Datasheet HTML 22Page - NXP Semiconductors TEF6894H Datasheet HTML 23Page - NXP Semiconductors TEF6894H Datasheet HTML 24Page - NXP Semiconductors TEF6894H Datasheet HTML 25Page - NXP Semiconductors TEF6894H Datasheet HTML 26Page - NXP Semiconductors TEF6894H Datasheet HTML 27Page - NXP Semiconductors TEF6894H Datasheet HTML 28Page - NXP Semiconductors TEF6894H Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
2003 Oct 21
25
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 6
Description of data byte 1
11.1.2
DATA BYTE 2; LEVEL
Table 7
Format of data byte 2
Table 8
Description of data byte 2
BIT
SYMBOL
DESCRIPTION
7
STIN
Stereo indicator. 0 = no pilot signal detected; 1 = pilot signal detected.
6
ASIA
ASI active. 0 = not active; 1 = ASI step is in progress.
5
AFUS
AF update sample. 0 = LEV, USN and WAM information is taken from main frequency
(continuous mode); 1 = LEV, USN and WAM information is taken from alternative
frequency. Continuous mode during AF update and sampled mode after AF update.
Sampled mode reverts to continuous main frequency information after read.
4
POR
Power-on reset. 0 = standard operation (valid I2C-bus register settings); 1 = Power-on
reset detected since last read cycle (I2C-bus register reset). After read the bit will reset
to POR = 0.
3
−
Reserved.
2 to 0
ID[2:0]
Identification. TEF6894H device type identification; ID[2:0] = 100.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LEV7
LEV6
LEV5
LEV4
LEV3
LEV2
LEV1
LEV0
BIT
SYMBOL
DESCRIPTION
7 to 0
LEV[7:0]
Level. 8-bit value of level voltage from tuner; see Fig.4.
handbook, halfpage
05
VLEVEL (V)
Veq
(V)
LEV[7:0]
255
0
5
0
1
2
3
4
12
3
4
MHC331
Fig.4 Equivalent level voltage Veq (MPH and LEV detector) as a function of level voltage VLEVEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com