Electronic Components Datasheet Search
  English  ▼

X  

TEF6894H Datasheet(PDF) 48 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 44Page - NXP Semiconductors TEF6894H Datasheet HTML 45Page - NXP Semiconductors TEF6894H Datasheet HTML 46Page - NXP Semiconductors TEF6894H Datasheet HTML 47Page - NXP Semiconductors TEF6894H Datasheet HTML 48Page - NXP Semiconductors TEF6894H Datasheet HTML 49Page - NXP Semiconductors TEF6894H Datasheet HTML 50Page - NXP Semiconductors TEF6894H Datasheet HTML 51Page - NXP Semiconductors TEF6894H Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 55 page
background image
2003 Oct 21
48
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
12 TEST AND APPLICATION INFORMATION
handbook, full pagewidth
220 nF
10
µF
10
µF
10
µF
10
µF
100 nF
22 nF
22
nF
47
µF
4.7
µF
22
20
21
24
27
28
29
30
32
16
17
18
23
25
26
CDL
CDR
CDCM
TAPEL
TAPER
PHONE
PHCM
FMMPX
220 nF
220 nF
220 nF
220 nF
TEF6894H
220 nF
220 nF
220 nF
100 nF
2.2 nF
AGND
DGND
JP12
JP11
RFOUT
LFOUT
LROUT
RROUT
AM
5
7
NAV
SCL
SCL
SDA
SDA
V2 (5 V)
V1 (8.5 V)
10 nF
MPXRDS
LEVEL
SDAG
SCLG
AFSAMP
AFHOLD
FREF
6
1
3
4
10
9
11
jumper
test pin and STOCKO connector
coaxial connector (SMC)
MHC423
2
42
43
JP5
JP4
JP6
JP7
JP8
JP9
10
k
Ω
1 k
Ω
10
k
Ω
10
k
Ω
10
k
Ω
10
Ω
JP10
JP13
AGND
CREF
41
44
DGND
DGND
ADDR
GND
VCC
JP1
JP2
JP3
Fig.23 Test circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com