Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 78 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 78 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 74Page - Intel Corporation 82371AB Datasheet HTML 75Page - Intel Corporation 82371AB Datasheet HTML 76Page - Intel Corporation 82371AB Datasheet HTML 77Page - Intel Corporation 82371AB Datasheet HTML 78Page - Intel Corporation 82371AB Datasheet HTML 79Page - Intel Corporation 82371AB Datasheet HTML 80Page - Intel Corporation 82371AB Datasheet HTML 81Page - Intel Corporation 82371AB Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 284 page
background image
82371AB (PIIX4)
78
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
Bit
Description
2:0
Interrupt Level Select (L2, L1, L0). L2, L1, and L0 determine the interrupt level acted upon when
the SL bit is active (bit 6). When the SL bit is inactive, bits [2:0] do not have a defined function;
programming L2, L1 and L0 to 0 is sufficient in this case.
Bit[2:0]
Interrupt Level
Bit[2:0]
Interrupt Level
000
IRQ 0(8)
100
IRQ 4(12)
001
IRQ 1(9)
101
IRQ 5(13)
010
IRQ 2(10)
110
IRQ 6(14)
011
IRQ 3(11)
111
IRQ 7(15)
4.2.2.8.
OCW3—Operational Control Word 3 Register (IO)
I/O Address:
INT CNTRL-1—020h; INT CNTRL-2—0A0h
Default Value:
Bit[6,0]=0; Bit[7,4:2]=Undefined; Bit[5,1]=1
Attribute:
Read/Write
OCW3 serves three important functions—Enable Special Mask Mode, Poll Mode control, and IRR/ISR register
read control.
Bit
Description
7
Reserved. Must be 0.
6
Special Mask Mode (SMM). If ESMM=1 and SMM=1, the interrupt controller enters Special Mask
Mode. If ESMM=1 and SMM=0, the interrupt controller is in normal mask mode. When ESMM=0,
SMM has no effect.
5
Enable Special Mask Mode (ESMM). 1=Enable SMM bit; 0=Disable SMM bit.
4:3
OCW3 Select. Must be programmed to 01 selecting OCW3.
2
Poll Mode Command. 0=Disable Poll Mode Command. When bit 2=1, the next I/O read to the
interrupt controller is treated as an interrupt acknowledge cycle indicating highest priority request.
1:0
Register Read Command. Bits [1:0] provide control for reading the In-Service Register (ISR) and
the Interrupt Request Register (IRR). When bit 1=0, bit 0 does not affect the register read selection.
When bit 1=1, bit 0 selects the register status returned following an OCW3 read. If bit 0=0, the IRR
will be read. If bit 0=1, the ISR will be read. Following ICW initialization, the default OCW3 port
address read will be “read IRR.” To retain the current selection (read ISR or read IRR), always write
a 0 to bit 1 when programming this register. The selected register can be read repeatedly without
reprogramming OCW3. To select a new status register, OCW3 must be reprogrammed prior to
attempting the read.
Bit[1:0]
Function
00
No Action
01
No Action
10
Read IRQ Register
11
Read IS Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com