Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 56 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 52Page - Intel Corporation 82371AB Datasheet HTML 53Page - Intel Corporation 82371AB Datasheet HTML 54Page - Intel Corporation 82371AB Datasheet HTML 55Page - Intel Corporation 82371AB Datasheet HTML 56Page - Intel Corporation 82371AB Datasheet HTML 57Page - Intel Corporation 82371AB Datasheet HTML 58Page - Intel Corporation 82371AB Datasheet HTML 59Page - Intel Corporation 82371AB Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 284 page
background image
82371AB (PIIX4)
56
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
4.1.6.
CLASSC—CLASS CODE REGISTER (FUNCTION 0)
Address Offset:
09
−0Bh
Default Value:
060100h
Attribute:
Read Only
This register identifies the Base Class Code, Sub-Class Code, and Device Programming interface for PIIX4 PCI
function 0.
Bit
Description
23:16
Base Class Code (BASEC). 06h=Bridge device.
15:8
Sub-Class Code (SCC). 01h=PCI-to-ISA Bridge. 80h=Other bridge Device (PCI Positive Decode
Bridge). This value depends upon the programming of bit 1 of the General Configuration register
(PCI function 0, address B0h). If programmed as a Subtractive Decode bridge (default), this will read
01h. If programmed as a Positive Decode bridge, this will read 80h.
7:0
Programming Interface (PI). 00h=No register level programming interface defined.
4.1.7.
HEDT—HEADER TYPE REGISTER (FUNCTION 0)
Address Offset:
0Eh
Default Value:
80h
Attribute:
Read Only
The HEDT Register identifies PIIX4 as a multi-function device.
Bit
Description
7:0
Device Type (DEVICET). 80h=multi-function device.
4.1.8.
IORT—ISA I/O RECOVERY TIMER REGISTER (FUNCTION 0)
Address Offset:
4Ch
Default Value:
4Dh
Attribute:
Read/Write
The I/O recovery mechanism in PIIX4 is used to add additional recovery delay between CPU or PCI master
originated 8-bit and 16-bit I/O cycles to the ISA Bus. PIIX4 automatically forces a minimum delay of
3.5 SYSCLKs between back-to-back 8- and 16-bit I/O cycles to the ISA Bus. This delay is measured from the
rising edge of the I/O command (IOR# or IOW#) to the falling edge of the next I/O command. If a delay of greater
than 3.5 SYSCLKs is required, the ISA I/O Recovery Time Register can be programmed to increase the delay in
increments of SYSCLKs. No additional delay is inserted for back-to-back I/O “sub cycles” generated as a result
of byte assembly or disassembly. This register defaults to 8- and 16-bit recovery enabled with one SYSCLK
clock added to the standard I/O recovery.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com