Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 71 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 67Page - Intel Corporation 82371AB Datasheet HTML 68Page - Intel Corporation 82371AB Datasheet HTML 69Page - Intel Corporation 82371AB Datasheet HTML 70Page - Intel Corporation 82371AB Datasheet HTML 71Page - Intel Corporation 82371AB Datasheet HTML 72Page - Intel Corporation 82371AB Datasheet HTML 73Page - Intel Corporation 82371AB Datasheet HTML 74Page - Intel Corporation 82371AB Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 284 page
background image
82371AB (PIIX4)
71
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
4.2.1.5.
RWAMB—Read/Write All Mask Bits (IO)
I/O Address:
Channels 0–3—0Fh; Channels 4–7—0DEh
Default Value:
Bit[3:0]=1; Bit[7:4]=0 (CPURST or Master Clear)
Attribute:
Read/Write
A channel’s mask bit is automatically set to 1 when the Current Byte/Word Count Register reaches terminal
count (unless the channel is programmed for autoinitialization). Setting bits [3:0] to 1 disables all DMA requests
until a clear mask register instruction enables the requests. Note that, masking DMA channel 4 (DMA controller
2,
channel
0),
masks
DMA
channels
[3:0].
Also
Note
that,
Masking
DMA
controller
2
with
a write to port 0DEh also masks DREQ assertions from DMA controller 1.
Bit
Description
7:4
Reserved. Must be 0.
3:0
Channel Mask Bits. 1=Disable the corresponding DREQ(s); 0=Enable the corresponding DREQ(s).
Bit
Channel
0
0 (4)
1
1 (5)
2
2 (6)
3
3 (7)
4.2.1.6.
DS—DMA Status Register (IO)
I/O Address:
Channels 0–3—08h; Channels 4–7—0D0h
Default Value:
00h
Attribute:
Read Only
Each DMA controller has a read-only DMA Status Register that indicates which channels have reached terminal
count and which channels have a pending DMA request.
Bit
Description
7:4
Channel Request Status. When a valid DMA request is pending for a channel (on its DREQ signal
line), the corresponding bit is set to 1. When a DMA request is not pending for a particular channel,
the corresponding bit is set to 0. The source of the DREQ may be hardware or a software request.
Note that channel 4 does not have DREQ or DACK lines, so the response for
a read of DMA2 status for channel 4 is irrelevant.
Bit
Channel
4
0
5
1 (5)
6
2 (6)
7
3 (7)
3:0
Channel Terminal Count Status. 1=TC is reached; 0=TC is not reached.
Bit
Channel
0
0
1
1 (5)
2
2 (6)
3
3 (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com