Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 22 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 18Page - Intel Corporation 82371AB Datasheet HTML 19Page - Intel Corporation 82371AB Datasheet HTML 20Page - Intel Corporation 82371AB Datasheet HTML 21Page - Intel Corporation 82371AB Datasheet HTML 22Page - Intel Corporation 82371AB Datasheet HTML 23Page - Intel Corporation 82371AB Datasheet HTML 24Page - Intel Corporation 82371AB Datasheet HTML 25Page - Intel Corporation 82371AB Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 284 page
background image
82371AB (PIIX4)
22
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
Name
Type
Description
RTCALE/
GPO25
O
REAL TIME CLOCK ADDRESS LATCH ENABLE. RTCALE is used to latch the
appropriate memory address into the RTC. A write to port 70h with the appropriate RTC
memory address that will be written to or read from causes RTCALE to be asserted.
RTCALE is asserted on falling IOW# and remains asserted for two SYSCLKs.
If the internal Real Time Clock is used, this signal can be programmed as a general
purpose output.
During Reset: Low
After Reset: Low
During POS: Low/GPO
RTCCS#/
GPO24
O
REAL TIME CLOCK CHIP SELECT. RTCCS# is asserted during read or write I/O
accesses to RTC location 71h. RTCCS# can be tied to a pair of external OR gates to
generate the real time clock read and write command signals. If the internal Real Time
Clock is used, this signal can be programmed as a general purpose output.
During Reset: High
After Reset: High
During POS: High/GPO
XDIR#/
GPO22
O
X-BUS TRANSCEIVER DIRECTION. XDIR# is tied directly to the direction control of a
74’245 that buffers the X-Bus data, XD[7:0]. XDIR# is asserted (driven low) for all I/O
read cycles regardless if the accesses is to a PIIX4 supported device. XDIR# is
asserted for memory cycles only if BIOS or APIC space has been decoded. For PCI
master initiated read cycles, XDIR# is asserted from the falling edge of either IOR# or
MEMR# (from MEMR# only if BIOS or APIC space has been decoded), depending on
the cycle type. For ISA master-initiated read cycles, XDIR# is asserted from the falling
edge of either IOR# or MEMR# (from MEMR# only if BIOS space has been decoded),
depending on the cycle type. When the rising edge of IOR# or MEMR# occurs, PIIX4
negates XDIR#. For DMA read cycles from the X-Bus, XDIR# is driven low from
DACKx# falling and negated from DACKx# rising. At all other times, XDIR# is negated
high.
If the X-Bus not used, then this signal can be programmed to be a general purpose
output.
During Reset: High
After Reset: High
During POS: High/GPO
XOE#/
GPO23
O
X-BUS TRANSCEIVER OUTPUT ENABLE. XOE# is tied directly to the output enable
of a 74’245 that buffers the X-Bus data, XD[7:0], from the system data bus, SD[7:0].
XOE# is asserted anytime a PIIX4 supported X-Bus device is decoded, and the devices
decode is enabled in the X-Bus Chip Select Enable Register (BIOSCS#, KBCCS#,
RTCCS#, MCCS#) or the Device Resource B (PCCS0#) and Device Resource C
(PCCS1#). XOE# is asserted from the falling edge of the ISA commands (IOR#, IOW#,
MEMR#, or MEMW#) for PCI Master and ISA master-initiated cycles. XOE# is negated
from the rising edge of the ISA command signals for PCI Master initiated cycles and the
SA[16:0] and LA[23:17] address for ISA master-initiated cycles. XOE# is not generated
during any access to an X-Bus peripheral in which its decode space has been disabled.
If an X-Bus not used, then this signal can be programmed to be a general purpose
output.
During Reset: High
After Reset: High
During POS: High/GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com