Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 74 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 74 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 70Page - Intel Corporation 82371AB Datasheet HTML 71Page - Intel Corporation 82371AB Datasheet HTML 72Page - Intel Corporation 82371AB Datasheet HTML 73Page - Intel Corporation 82371AB Datasheet HTML 74Page - Intel Corporation 82371AB Datasheet HTML 75Page - Intel Corporation 82371AB Datasheet HTML 76Page - Intel Corporation 82371AB Datasheet HTML 77Page - Intel Corporation 82371AB Datasheet HTML 78Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 284 page
background image
82371AB (PIIX4)
74
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
4.2.1.12.
DCLM—DMA Clear Mask Register (IO)
I/O Address:
Channel 0–3—00Eh; Channel 4–7—0DCh
Default Value:
All bits undefined
Attribute:
Write Only
This command clears the mask bits of all four channels, enabling them to accept DMA requests.
Bit
Description
7:0
Clear Mask Register. No specific pattern. Command enabled with a write to the I/O port address.
4.2.2.
INTERRUPT CONTROLLER REGISTERS
PIIX4 contains an ISA-Compatible interrupt controller that incorporates the functionality of two 82C59 interrupt
controllers. The interrupt registers control the operation of the interrupt controller.
4.2.2.1.
ICW1—Initialization Command Word 1 Register (IO)
I/O Address:
INT CNTRL-1—020h; INT CNTRL-2—0A0h
Default Value:
All bits undefined
Attribute:
Write Only
A write to Initialization Command Word 1 starts the interrupt controller initialization sequence. Addresses 020h
and 0A0h are referred to as the base addresses of CNTRL-1 and CNTRL-2, respectively. An I/O write to the
CNTRL-1 or CNTRL-2 base address with bit 4 equal to 1 is interpreted as ICW1. For PIIX4-based ISA systems,
three I/O writes to “base address + 1” must follow the ICW1. The first write to “base address + 1” performs
ICW2, the second write performs ICW3, and the third write performs ICW4.
ICW1 starts the initialization sequence during which the following automatically occur:
1.
The Interrupt Mask register is cleared.
2.
IRQ7 input is assigned priority 7.
3.
The slave mode address is set to 7.
4.
Special Mask Mode is cleared and Status Read is set to IRR.
5.
If IC4 was set to 0, then all functions selected by ICW4 are set to 0. However, ICW4 must be programmed in
the PIIX4 implementation of this interrupt controller, and IC4 must be set to a 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com