Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 41 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 41 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 37Page - Intel Corporation 82371AB Datasheet HTML 38Page - Intel Corporation 82371AB Datasheet HTML 39Page - Intel Corporation 82371AB Datasheet HTML 40Page - Intel Corporation 82371AB Datasheet HTML 41Page - Intel Corporation 82371AB Datasheet HTML 42Page - Intel Corporation 82371AB Datasheet HTML 43Page - Intel Corporation 82371AB Datasheet HTML 44Page - Intel Corporation 82371AB Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 284 page
background image
82371AB (PIIX4)
41
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
2.3.
Power Sequencing Requirements
There are no power sequencing requirements for the various VCC power supplies to PIIX4. The VREF signal must
be tied to 5V in a system requiring 5V tolerance. In a 5V tolerant system, this signal must power up before or
simultaneous to VCC. It must power down after or simultaneous to VCC. In a non-5V tolerant system (3.3V only),
this signal can be tied directly to VCC. There are then no sequencing requirements. Refer to Figure 2 for an
example circuit schematic that may be used to ensure the proper VREF sequencing.
Vcc Supply
(3.3V)
5V Supply
1k Ω
1µF
To System
VREF
To System
Pix4_01
Figure 2. Example VCC5REF Sequencing Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com