Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 16 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 16 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 12Page - Intel Corporation 82371AB Datasheet HTML 13Page - Intel Corporation 82371AB Datasheet HTML 14Page - Intel Corporation 82371AB Datasheet HTML 15Page - Intel Corporation 82371AB Datasheet HTML 16Page - Intel Corporation 82371AB Datasheet HTML 17Page - Intel Corporation 82371AB Datasheet HTML 18Page - Intel Corporation 82371AB Datasheet HTML 19Page - Intel Corporation 82371AB Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 284 page
background image
82371AB (PIIX4)
16
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
2.1.
PIIX4 Signals
2.1.1.
PCI BUS INTERFACE
Name
Type
Description
AD[31:0]
I/O
PCI ADDRESS/DATA. AD[31:0] is a multiplexed address and data bus. During the first
clock of a transaction, AD[31:0] contain a physical byte address (32 bits). During
subsequent clocks, AD[31:0] contain data.
A PIIX4 Bus transaction consists of an address phase followed by one or more data
phases. Little-endian byte ordering is used. AD[7:0] define the least significant byte
(LSB) and AD[31:24] the most significant byte (MSB).
When PIIX4 is a Target, AD[31:0] are inputs during the address phase of a transaction.
During the following data phase(s), PIIX4 may be asked to supply data on AD[31:0] for
a PCI read, or accept data for a PCI write.
As an Initiator, PIIX4 drives a valid address on AD[31:2] and 0 on AD[1:0] during the
address phase, and drives write or latches read data on AD[31:0] during the data
phase.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z
C/BE#[3:0]
I/O
BUS COMMAND AND BYTE ENABLES. The command and byte enable signals are
multiplexed on the same PCI pins. During the address phase of a transaction,
C/BE[3:0]# define the bus command. During the data phase C/BE[3:0]# are used as
Byte Enables. The Byte Enables determine which byte lanes carry meaningful data.
C/BE0# applies to byte 0, C/BE1# to byte 1, etc. PIIX4 drives C/BE[3:0]# as an Initiator
and monitors C/BE[3:0]# as a Target.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z
CLKRUN#
I/O
CLOCK RUN#. This signal is used to communicate to PCI peripherals that the PCI
clock will be stopped. Peripherals can assert CLKRUN# to request that the PCI clock
be restarted or to keep it from stopping. This function follows the protocol described in
the PCI Mobile Design Guide, Revision 1.0.
During Reset: Low
After Reset: Low
During POS: High
DEVSEL#
I/O
DEVICE SELECT. PIIX4 asserts DEVSEL# to claim a PCI transaction through positive
decoding or subtractive decoding (if enabled). As an output, PIIX4 asserts DEVSEL#
when it samples IDSEL active in configuration cycles to PIIX4 configuration registers.
PIIX4 also asserts DEVSEL# when an internal PIIX4 address is decoded or when PIIX4
subtractively or positively decodes a cycle for the ISA/EIO bus or IDE device. As an
input, DEVSEL# indicates the response to a PIIX4 initiated transaction and is also
sampled when deciding whether to subtractively decode the cycle. DEVSEL# is tri-
stated from the leading edge of PCIRST#. DEVSEL# remains tri-stated until driven by
PIIX4 as a target.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z
FRAME#
I/O
CYCLE FRAME. FRAME# is driven by the current Initiator to indicate the beginning and
duration of an access. While FRAME# is asserted data transfers continue. When
FRAME# is negated the transaction is in the final data phase. FRAME# is an input to
PIIX4 when it is the Target. FRAME# is an output when PIIX4 is the initiator. FRAME#
remains tri-stated until driven by PIIX4 as an Initiator.
During Reset: High-Z
After Reset: High-Z
During POS: High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com