Electronic Components Datasheet Search
  English  ▼

X  

82371AB Datasheet(PDF) 59 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 59 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 55Page - Intel Corporation 82371AB Datasheet HTML 56Page - Intel Corporation 82371AB Datasheet HTML 57Page - Intel Corporation 82371AB Datasheet HTML 58Page - Intel Corporation 82371AB Datasheet HTML 59Page - Intel Corporation 82371AB Datasheet HTML 60Page - Intel Corporation 82371AB Datasheet HTML 61Page - Intel Corporation 82371AB Datasheet HTML 62Page - Intel Corporation 82371AB Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 284 page
background image
82371AB (PIIX4)
59
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
4.1.10.
PIRQRC[A:D]—PIRQX ROUTE CONTROL REGISTERS (FUNCTION 0)
Address Offset :
60h (PIRQRCA#)–63h (PIRQRCD#)
Default Value:
80h
Attribute:
R/W
These registers control the routing of the PIRQ[A:D]# signals to the IRQ inputs of the interrupt controller. Each
PIRQx# can be independently routed to any one of 11 interrupts. All four PIRQx# lines can be routed to the
same IRQx input. Note that the IRQ that is selected through bits [3:0] must be set to level sensitive mode in the
corresponding ELCR Register. When a PIRQ signal is routed to an interrupt controller IRQ, PIIX4 masks the
corresponding IRQ signal.
Bit
Description
7
Interrupt Routing Enable. 0=Enable; 1=Disable.
6:4
Reserved. Read as 0s.
3:0
Interrupt Routing. When bit 7=0, this field selects the routing of the PIRQx to one of the interrupt
controller interrupt inputs.
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
Bits[3:0]
IRQ Routing
0000
Reserved
0110
IRQ6
1011
IRQ11
0001
Reserved
0111
IRQ7
1100
IRQ12
0010
Reserved
1000
Reserved
1101
Reserved
0011
IRQ3
1001
IRQ9
1110
IRQ14
0100
IRQ4
1010
IRQ10
1111
IRQ15
0101
IRQ5
4.1.11.
SERIRQC—SERIAL IRQ CONTROL REGISTER (FUNCTION 0)
Address Offset :
64h
Default Value:
10h
Attribute:
R/W
This register controls the Start Frame Pulse Width generated on the Serial Interrupt signal (SERIRQ).
Bit
Description
7
Serial IRQ Enable. 1=Enable (bit 16 in register offset B0h–B3h must also be 1). 0=Disable.
6
Serial IRQ Mode Select. 1=Serial Interrupts operate in Continuous mode. 0=Serial Interrupts
operate in Quiet mode.
5:2
Serial IRQ Frame Size. These bits select the frame size used by the Serial IRQ logic. The default is
0100b indicating a frame size of 21 (17+4). These bits are readable and writeable, however the only
programmed value supported by PIIX4 is 0100b. All other frame sizes are unsupported.
1:0
Start Frame Pulse Width. These bits define the Start Frame pulse width generated by the Serial
Interrupt control logic.
Bits[1:0]
Pulse Width (PCI Clocks)
00
4 Clocks
01
6 Clocks
10
8 Clocks
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com