Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 17 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 17 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 13Page - Intel Corporation LXT970A Datasheet HTML 14Page - Intel Corporation LXT970A Datasheet HTML 15Page - Intel Corporation LXT970A Datasheet HTML 16Page - Intel Corporation LXT970A Datasheet HTML 17Page - Intel Corporation LXT970A Datasheet HTML 18Page - Intel Corporation LXT970A Datasheet HTML 19Page - Intel Corporation LXT970A Datasheet HTML 20Page - Intel Corporation LXT970A Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
17
Table 9.
LXT970A Auto-Negotiation Operating Speed/Full-Duplex
Advertisement Settings
Desired Configuration
Input Value
MDIO Registers
MF4
CFG1
FDE
Advertise all capabilities
Ignore FDE
VMF1, VMF4
Low
–
Sets 4.5, 4.6, 4.7 and 4.8 = 1
Advertise 10 Mbps only
Advertise FD
VMF1, VMF4
High
High
Sets 4.5 = 1
Sets 4.7 and 4.8 = 0
Sets 4.6 = 1
Advertise 10 Mbps only
Do Not Advertise FD
Low
Sets 4.5 = 1
Sets 4.7 and 4.8 = 0
Sets 4.6 = 0
Advertise 100 Mbps only
Advertised FD
VMF2, VMF3
Low
High
Sets 4.7 = 1
Sets 4.5 and 4.6 = 0
Sets 4.8 = 1
Advertise 100 Mbps only
Do Not Advertise FD
Low
Sets 4.7 = 1
Sets 4.5 and 4.6 = 0
Sets 4.8 = 0
Advertise 10/100 Mbps
Advertise FD
VMF2, VMF3
High
High
Sets 4.5 and 4.7 = 1
Sets 4.6 and 4.8 = 1
Advertise 10/100 Mbps
Do Not Advertise FD
Low
Sets 4.5 and 4.7 = 1
Sets 4.6 and 4.8 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com