Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 72 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 72 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation LXT970A Datasheet HTML 69Page - Intel Corporation LXT970A Datasheet HTML 70Page - Intel Corporation LXT970A Datasheet HTML 71Page - Intel Corporation LXT970A Datasheet HTML 72Page - Intel Corporation LXT970A Datasheet HTML 73Page - Intel Corporation LXT970A Datasheet HTML 74Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
72
Datasheet
19.2
100BASE-FX
1 = Enable 100BASE fiber interface.
0 = Enable 100BASE twisted-pair interface.
R/W
Note 6
19.1
Reserved
Write as 0; Ignore on read.
R/W
0
19.0
Transmit
Disconnect
1 = Disconnect TP transmitter from line.
0 = Normal operation.
R/W
0
Table 56. Chip Status Register (Address 20, Hex 14)
Bit
Name
Description
Type 1
Default
20.15:1
4
Reserved
Ignore on read.
RO
N/A
20.13
Link
1 = Link is up.
0 = Link is down.
Link bit 20.13 is a duplicate of bit 1.2, except that it is a dynamic
indication, whereas bit 1.2 latches Low.
RO
0
20.12
Duplex Mode
1 = Full-duplex.
0 = Half-duplex.
RO
Note 2
20.11
Speed
1 = 100 Mbps operation.
0 = 10 Mbps operation.
RO
Note 2
20.10
Reserved
Ignore on read.
RO
N/A
20.9
Auto-Negotiation
Complete
1 = Auto-negotiation process complete.
0 = Auto-negotiation process not complete.
Auto-Negotiation Complete bit 20.9 is a duplicate of bit 1.5.
RO/LH
0
20.8
Page Received
1 = Three identical and consecutive link code words have been
received.
0 = Three identical and consecutive link code words have not been
received.
Page Received bit 20.8 is a duplicate of bit 6.1
RO/LH
0
20:7
Reserved
Ignore on read.
RO
0
20.6
Reserved
Ignore on read.
RO
0
20.5
Reserved
Ignore on read.
RO
N/A
20.4
Reserved
Ignore on read.
RO
N/A
20.3
Reserved
Ignore on read.
RO
N/A
20.2
Low-Voltage
1 = Low-voltage fault on VCC has occurred.
0 = No fault.
RO
N/A
20.1
Reserved
Ignore on read.
RO
N/A
20.0
Reserved
Ignore on read.
RO
N/A
1. RO = Read Only
LH = Latching High (This bit remains High until read, and then returns Low).
2. Bits 20.12 and 20.11 reflect the current operating mode of the LXT970A.
Table 55. Configuration Register (Address 19, Hex 13) (Continued)
Bit
Name
Description
Type 1
Default
1. R/W = Read/Write
2. The default value of bit 19.13 is determined by pin MF1.
3. If auto-negotiation is disabled, the default value of bit 19.8 is determined by pin CFG1. If auto-neg is enabled, the default
value of bit 19.8 = 0.
4. The default value of bit 19.4 is determined by pin MF2 Operation.
5. The default value of bit 19.3 is determined by pin MF3 Operation.
6. If auto-negotiation is disabled, default value of bit 19.2 is determined by pin MF4. If auto-negotiation is enabled, default value
of bit 19.2 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com