Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 22 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 22 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 18Page - Intel Corporation LXT970A Datasheet HTML 19Page - Intel Corporation LXT970A Datasheet HTML 20Page - Intel Corporation LXT970A Datasheet HTML 21Page - Intel Corporation LXT970A Datasheet HTML 22Page - Intel Corporation LXT970A Datasheet HTML 23Page - Intel Corporation LXT970A Datasheet HTML 24Page - Intel Corporation LXT970A Datasheet HTML 25Page - Intel Corporation LXT970A Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
22
Datasheet
The LXT970A synchronizes the receive data and control signals to RX_CLK. The LXT970A
always changes these signals on the falling edge of RX_CLK in order to stabilize the signals at the
rising edge of the clock with 10 ns setup and hold times.
Transmit Enable
The MAC must assert TX_EN the same time as the first nibble of preamble, and de-assert TX_EN
after the last bit of the packet.
Receive Data Valid
The LXT970A asserts RX_DV when it receives a valid packet. Timing changes depend on line
operating speed and MII mode:
• For 100TX and 100FX links with the MII in 4B mode, RX_DV is asserted from the first nibble
of preamble to the last nibble of the data packet.
• For 100TX and 100FX links with the MII in 5B mode, RX_DV is asserted starting with the /K
symbol and ending with the /T symbol.
• For 10BT links, the entire preamble is truncated. RX_DV is asserted with the first nibble of
the SFD “5D” and remains asserted until the end of the packet.
Error Signals
In 100TX mode, when the LXT970A receives an errored symbol from the network, it asserts
RX_ER and drives “1110” (4B) or “01110” (5B) on the RXD pins.
When the MAC asserts TX_ER, the LXT970A drives “H” symbols out on the line.
There are no error functions in 10T mode.
Carrier Sense
Carrier sense (CRS) is an asynchronous output. It is always generated when a packet is received
from the line and in some modes when a packet is transmitted.
On transmit CRS is asserted on a 10BT, half-duplex link when MII Register 19.11 = 0 (default
state), or on any 100 Mbps half-duplex link. Carrier sense is not generated on transmit when the
link operation is full-duplex, or with 10BT half-duplex links when 19.11=1.
Usage of CRS for Interframe Gap (IFG) timing is not recommended for the following reasons:
• De-assertion time for CRS is slightly longer than assertion time. This causes the IFG interval
to appear somewhat shorter to the MAC than it actually is on the wire.
• CRS de-assertion is not aligned with TX_EN de-assertion on transmit loopbacks in half-
duplex mode.
Operational Loopback
Operational loopback is provided for 10 Mbps half-duplex links when bit 19.11 = 0. Data
transmitted by the MAC will be looped back on the receive side of the MII. Operational loopback
is not provided for 100 Mbps links, full-duplex links, or when 19.11 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com