Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 33 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 33 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 29Page - Intel Corporation LXT970A Datasheet HTML 30Page - Intel Corporation LXT970A Datasheet HTML 31Page - Intel Corporation LXT970A Datasheet HTML 32Page - Intel Corporation LXT970A Datasheet HTML 33Page - Intel Corporation LXT970A Datasheet HTML 34Page - Intel Corporation LXT970A Datasheet HTML 35Page - Intel Corporation LXT970A Datasheet HTML 36Page - Intel Corporation LXT970A Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
33
2.6.2
100BASE-X Network Operations
During 100BASE-X operation, the LXT970A transmits and receives 5-bit symbols across the
network link. Figure 13 shows the structure of a standard frame packet. When the MAC is not
actively transmitting data, the LXT970A sends out Idle symbols on the line.
In 100TX mode, the LXT970A scrambles the data using a polynomial key, and transmits it to the
network using MLT-3 line code. The MLT-3 signals received from the network are descrambled
and decoded by the LXT970A, and sent across the MII to the MAC.
In 100FX mode, the LXT970A transmits and receives NRZI signals across the pseudo-ECL
interface. An external 100FX transceiver module is required to complete the fiber connection. To
enable 100FX operation, auto-negotiation must be disabled and FX selected.
Figure 13. 100BASE-TX Frame Structure
Figure 14. 100BASE-TX Data Flow
P0
P1
P6
SFD
64-Bit Preamble
(8 Octets)
Start of Frame
Delimiter (SFD)
DA
DA
SA
SA
Destination and Source
Address (6 Octets each)
L1
L2
Packet Length
(2 Octets)
D0
D1
Dn
Data Field
(Pad to minimum packet size)
Frame Check Field
(4 Octets)
CRC
I0
InterFrame Gap / Idle Code
(> 12 Octets)
Replaced by
/T/R/ code-groups
End of Stream Delimiter (ESD)
IFG
Replaced by
/J/K/ code-groups
Start of Stream
Delimiter (SSD)
Standard Data Flow
D0
D1
D2
D3
Parallel
to
Serial
Serial
to
Parallel
D0
D1
D2
D3
4B/5B
S0
S1
S2
S3
S4
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scramble
De-
Scramble
S0
S1
S2
S3
S4
Parallel
to
Serial
Serial
to
Parallel
S0
S1
S2
S3
S4
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scramble
De-
Scramble
Symbol (5B) Mode Data Flow
S0
S1
S2
S3
S4
Parallel
to
Serial
Serial
to
Parallel
MLT3
0
+1
-1
00
Transition = 1.
No Transition = 0.
All transitions must follow
pattern: 0, +1, 0, -1, 0, +1...
Scrambler Bypass Data Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com