Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 45 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 45 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 41Page - Intel Corporation LXT970A Datasheet HTML 42Page - Intel Corporation LXT970A Datasheet HTML 43Page - Intel Corporation LXT970A Datasheet HTML 44Page - Intel Corporation LXT970A Datasheet HTML 45Page - Intel Corporation LXT970A Datasheet HTML 46Page - Intel Corporation LXT970A Datasheet HTML 47Page - Intel Corporation LXT970A Datasheet HTML 48Page - Intel Corporation LXT970A Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
45
3.3.7
Typical Application
Figure 21 on page 46 is typical interface circuitry of the LXT970A. The diagram groups similar
pins; it does not portray the actual chip pinout. The Media Independent Interface (MII) pins are at
the upper left. Hardware Control Interface pins are center left. The line interface pins for twisted-
pair and fiber are shown on the top and bottom right respectively.
The VCCD and VCCIO pins are at the bottom of the diagram. VCCT, VCCR, and VCCA are at the
center right. All VCC pins (except VCCIO) use a single power supply. VCCIO may be powered by
a 3.3V supply, and may be separately connected.
3.3.7.1
Voltage Divider For MF Inputs
The LXT970A requires an external voltage divider to provide optional (VMF2 and VMF3) multi-
level inputs to the Multi-Function (MF) pins. These voltage levels are designated as VMF1 - VMF4.
A single voltage divider may be used to drive the MF pins in designs using multiple PHYs. Figure
20 shows a voltage divider with three 1 k
Ω resistors configured in series between VCC and
Ground.
Figure 20. Voltage Divider
VMF4
VMF3
VMF2
+5V
VMF1
1k
W
1k
W
1k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com