Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 36 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 36 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 32Page - Intel Corporation LXT970A Datasheet HTML 33Page - Intel Corporation LXT970A Datasheet HTML 34Page - Intel Corporation LXT970A Datasheet HTML 35Page - Intel Corporation LXT970A Datasheet HTML 36Page - Intel Corporation LXT970A Datasheet HTML 37Page - Intel Corporation LXT970A Datasheet HTML 38Page - Intel Corporation LXT970A Datasheet HTML 39Page - Intel Corporation LXT970A Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
36
Datasheet
2.8.1.1
100X Preamble Handling
When the MAC asserts TX_EN, the PCS substitutes a /J/K symbol pair, also known as the Start of
Stream Delimiter or SSD, for the first two nibbles received across the MII. The PCS layer
continues to encode the remaining MII data, following Table 17, until TX_EN is de-asserted. It
then returns to supplying IDLE symbols to the line driver.
In the receive direction, the PCS layer performs the opposite function, substituting two preamble
nibbles for the SSD.
2.8.1.2
10T Preamble Handling
In 10BASE-T Mode, the LXT970A strips the entire preamble off of received packets. CRS is
asserted a few bit times after carrier is detected. RX_DV is held for the duration of the preamble.
When RX_DV is asserted, the very first two nibbles driven by the LXT970A are the SFD “5D” hex
followed by the body of the packet. In 10T loopback
the LXT970A loops back whatever the MAC transmits to it, including the preamble.
2.8.1.3
Data Errors (100X Only)
Figure 16 shows normal reception. When the LXT970A receives invalid symbols from the line, it
asserts RX_ER, as shown in Figure 17.
Figure 15. LXT970A Protocol Sublayers
Encoder/Decoder
Serializer/De-serializer
Scrambler/De-
scrambler
Link/Carrier Detect
PCS
Layer
PMA
Layer
PMD
Layer
MII Interface
PECL Interface
Fiber Transceiver
LXT970A
100BASETX
100BASE-FX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com