Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 64 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 64 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 60Page - Intel Corporation LXT970A Datasheet HTML 61Page - Intel Corporation LXT970A Datasheet HTML 62Page - Intel Corporation LXT970A Datasheet HTML 63Page - Intel Corporation LXT970A Datasheet HTML 64Page - Intel Corporation LXT970A Datasheet HTML 65Page - Intel Corporation LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
64
Datasheet
Table 45. Control Register (Address 0)
Bit
Name
Description
Type 1
Default
0.15
Reset
1 = Reset chip.
0 = Enable normal operation.
R/W
SC
0
0.14
Loopback
1 = Enable loopback mode. When Loopback is enabled, during 100
Mbps operation, the LXT970A disconnects its transmitter and receiver
from the network. Data sent by the controller passes through the chip
and then gets looped back to the MII. During 10 Mbps operation the
preamble, SFD, and data loop directly back to the MII.
0 = Disable loopback mode.
R/W
0
0.13
Speed
Selection
1 = 100 Mbps
0 = 10 Mbps
R/W
Note 2
0.12
Auto-
Negotiation
Enable
1 = Enable auto-negotiate process (overrides speed select and duplex
mode bits).
0 = Disable auto-negotiate process.
R/W
Note 3
0.11
Power Down
1 = Enable power down.
0 = Enable normal operation.
R/W
Note 4
0.10
Isolate
1 = Electrically isolate LXT970A from MII.
0 = Normal operation.
R/W
Note 5
0.9
Restart Auto-
Negotiation
1 = Restart auto-negotiation process.
0 = Normal operation.
R/W
SC
Note 6
0.8
Duplex Mode
1 = Enable full-duplex.
0 = Enable half-duplex.
R/W
Note 7
0.7
Collision Test
1 = Enable COL signal test. Bit 0.14 must be enabled to use this bit.
This bit is used in conjunction with bit 0.14 to test the COL output.
0 = Disable COL signal test.
R/W
0
Note
8
0.6:4
Transceiver
Test Mode
Not Supported.
RO
0
0.3
Master-Slave
Enable
Not Supported.
RO
0
0.2
Master-Slave
Value
Not Supported.
RO
0
0.1:0
Reserved
R/W
0
1. R/W = Read/Write
SC = Self Clearing
2. If auto-negotiation is enabled, this bit is ignored. If auto-negotiation is disabled, the default value of bit 0.13 is determined by
pin CFG0.
3. The default value of bit 0.12 is determined by pin MF0.
4. The LXT970A internally maintains all set values of the configuration registers upon exiting power-down mode. A delay of 500
ns minimum is required from the time power down is cleared until any register can be written.
5. The default value of bit 0.10 is determined by pin TRSTE.
6. If auto-negotiation is enabled, the default value of bit 0.9 is determined by pin CFG0. If auto-negotiation is disabled, the
default value of
bit 0.9 = 0.
7. If auto-negotiation is enabled, this bit is ignored. If auto-negotiation is disabled, the default value of bit 0.8 is determined by
pin FDE.
8. This bit is ignored unless loopback is enabled (0.14 = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com