Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 19 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 19 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 15Page - Intel Corporation LXT970A Datasheet HTML 16Page - Intel Corporation LXT970A Datasheet HTML 17Page - Intel Corporation LXT970A Datasheet HTML 18Page - Intel Corporation LXT970A Datasheet HTML 19Page - Intel Corporation LXT970A Datasheet HTML 20Page - Intel Corporation LXT970A Datasheet HTML 21Page - Intel Corporation LXT970A Datasheet HTML 22Page - Intel Corporation LXT970A Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
19
2.2
Interfaces (Network Media/Protocol Support)
The LXT970A provides the following interfaces:
• A Twisted-Pair Interface which directly supports 100BASE-TX and 10BASE-T applications.
• A pseudo-ECL (PECL) Fiber Interface which supports 100BASE-FX applications through an
external fiber transceiver.
• An MII (Media Independent Interface) for interfacing 10/100 Media Access Controllers
(MACs).
• A Hardware Control Interface to configure various operating characteristics.
2.2.1
Twisted-Pair Interface
The Twisted-Pair Interface directly supports both 100BASE-TX and 10BASE-T applications. The
interface is capable of directly driving an RJ-45 interface through magnetics and termination
resistors. The interface uses two signal pairs - one for transmit and one for receive. A third output,
TREF, connects to the center-tap of the transmit transformer. The same signal pairs, magnetics, and
termination resistors are used for both 10 and 100 Mbps operation.
When the LXT970A is operating as a 100 Mbps device, it transmits and receives a 125 Mbps, 5B-
encoded, scrambled MLT-3 waveform on this interface. The MLT-3 waveform is continuous.
When there is no data to send, “IDLE” symbols are sent and received.
When the LXT970A is operating as a 10 Mbps device, it transmits and receives 10 Mbps
Manchester-encoded data. The waveform is not continuous. When there is no data to send, the
line is left in an idle state. Link pulses are transmitted periodically to keep the link up.
The LXT970A supports both fixed operation and auto-negotiation with parallel detection on this
interface. Fixed operation allows the designer to specify the line speed and duplex mode. With
auto-negotiation enabled, the LXT970A automatically determines line speed and duplex state by
exchanging capability “pages” with its link partner.
A 4 k
Ω passive load is always present across the twisted-pair inputs. When enabled, the twisted-
pair inputs are actively biased to approximately 2.8V.
In applications where the Twisted-Pair Interface is not used, the inputs and outputs may be left
unconnected.
The Twisted-Pair Interface is disabled in power down mode, when the Fiber Interface is selected,
or when the transmit disconnect (bit 19.0) is set. When the Twisted-Pair Interface is disabled its
outputs are tri-stated and inputs are unbiased.
2.2.2
Fiber Interface
The pseudo-ECL Fiber Interface is suitable for driving 100BASE-FX applications through an
external fiber transceiver. This interface consists of a transmit and receive pair. The LXT970A
sends and receives a continuous 125 Mbps, 5B-encoded NRZI stream on this interface.
Scrambling and MLT-3 are not used in fiber connections.
There is no industry standard for auto-negotiation on 100BASE-FX. The LXT970A only supports
forced operation on the Fiber Interface. The LXT970A does not support 10FL (10 Mbps fiber)
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com