Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 65 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 65 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 61Page - Intel Corporation LXT970A Datasheet HTML 62Page - Intel Corporation LXT970A Datasheet HTML 63Page - Intel Corporation LXT970A Datasheet HTML 64Page - Intel Corporation LXT970A Datasheet HTML 65Page - Intel Corporation LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation LXT970A Datasheet HTML 69Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
65
Table 46. Status Register (Address 1)
Bit
Name
Description
Type 1
Default
1.15
100BASE-T4
Not Supported.
RO
0
1.14
100BASE-X
full-duplex
1 = LXT970A able to perform full-duplex 100BASE-X.
RO
1
1.13
100BASE-X
half-duplex
1 = LXT970A able to perform half-duplex 100BASE-X.
RO
1
1.12
10 Mb/s
full-duplex
1 = LXT970A able to operate at 10 Mb/s in full-duplex mode.
RO
1
1.11
10 Mb/s
half-duplex
1 = LXT970A able to operate at 10 Mb/s in half-duplex mode.
RO
1
1.10
100BASE-T2
full-duplex
Not Supported.
RO
0
1.9
100BASE-T2
half-duplex
Not Supported.
RO
0
1.8
Reserved
Ignore on read.
RO
0
1.7
Master-Slave
Configuration
Fault
Not Supported.
RO
0
1.6
MF Preamble
Suppression
0 = LXT970A will not accept management frames with preamble
suppressed.
RO
0
1.5
Auto-Neg.
Complete
1 = Auto-negotiation process complete.
0 = Auto-negotiation process not complete.
RO
0
1.4
Remote Fault
1 = Remote fault condition detected.
0 = No remote fault condition detected.
This bit is set when:
Link partner transmits a remote fault condition (bit 5.13 = 1)
Link partner protocol is anything other than CSMA-CD
(bits 5.4:0 = <00001>)
Link partner advertises T4 capability only
(bits 5.9:5 ¼ <10000>)
RO/LH
0
1.3
Auto-Neg.
Ability
1 = LXT970A is able to perform auto-negotiation.
RO
1
1.2
Link Status
1 = Link is up.
0 = Link is down.
RO/LL
0
1.1
Jabber Detect
(10BASE-T
Only)
1 = Jabber condition detected.
0 = No jabber condition detected.
RO/LH
0
1.0
Extended
Capability
1 = Extended register capabilities.
RO
1
1. RO = Read Only
LL = Latching Low (This bit remains Low until read, and then returns High).
LH = Latching High (This bit remains High until read, and then returns Low).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com