Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 27 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 27 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 23Page - Intel Corporation LXT970A Datasheet HTML 24Page - Intel Corporation LXT970A Datasheet HTML 25Page - Intel Corporation LXT970A Datasheet HTML 26Page - Intel Corporation LXT970A Datasheet HTML 27Page - Intel Corporation LXT970A Datasheet HTML 28Page - Intel Corporation LXT970A Datasheet HTML 29Page - Intel Corporation LXT970A Datasheet HTML 30Page - Intel Corporation LXT970A Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
27
2.3
Operating Requirements
2.3.1
Power Supply Requirements
The LXT970A requires a 5V power supply. Power should be supplied from a single source to the
VCC, VCCA, VCCT, and VCCR power pins. A ground return path must be provided to the GND,
GNDA, GNDT, and GNDR pins. As a matter of practice, the power supply should be as clean as
possible. Filtering is recommended for the analog power pins (VCCA, VCCT, VCCR) at least in
the initial design. Consult the Design Recommendations section on page 42 for details. A
decoupling capacitor is recommended between each VCC pin and its respective GND, placed as
close to the device as possible.
2.3.1.1
Optional MII Power Supply
The MII may be powered by either a 3.3V or 5V source via the VCCIO pin. To avoid power
sequencing issues, the VCCIO pin should be supplied from the same source used to power the
other side of the MII interface. When VCCIO is supplied with 3.3V, the MII inputs are not tolerant
of 5V signal levels. The MDIO and MDC pins must be operated at the same voltage as the rest of
the MII interface.
2.3.2
Reference Clock Requirements
The LXT970A requires a continuous, stable reference clock. There are two clock modes, Master
Clock Mode and Slave Clock Mode. Depending on the mode of operation, the clock may be
supplied at the crystal oscillator pins (XI, XO), or at the Transmit Clock pin (TX_CLK). See Table
25 on page 48 for input clock requirements.
Table 14. LXT970A Operating Configurations / Auto-Negotiation Disabled
Desired Configuration1,2
Pin Name
Input Value
MDIO Registers
Force 100FX Operation
MF4
VMF2, VMF3
19.2 = 1
CFG0
High
0.13 = 1
MF3
VMF1, VMF4
19.3 = 0
Force 100TX Operation
MF4
VMF1, VMF4
19.2 = 0
CFG0
High
0.13 = 1
Force 10T Operation
MF4
VMF1, VMF4
19.2 = 0
CFG0
Low
0.13 = 0
Force Full-Duplex Operation
FDE
High
0.8 = 1
Disable 10T Link Test
CFG1
High
19.8 = 1
Enable 10T Link Test
CFG1
Low
19.8 = 0
1. Refer to Table 12 for basic configurations.
2. Refer to Table 13 for Hardware Control Interface functions available when auto-negotiation is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com