Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 31 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 31 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 27Page - Intel Corporation LXT970A Datasheet HTML 28Page - Intel Corporation LXT970A Datasheet HTML 29Page - Intel Corporation LXT970A Datasheet HTML 30Page - Intel Corporation LXT970A Datasheet HTML 31Page - Intel Corporation LXT970A Datasheet HTML 32Page - Intel Corporation LXT970A Datasheet HTML 33Page - Intel Corporation LXT970A Datasheet HTML 34Page - Intel Corporation LXT970A Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
31
Controlling Auto-Negotiation
When auto-negotiation is controlled by software, the following steps are recommended:
• After a reset or power-up (initial or from power down mode), the power down recovery time
(refer to Table 43 on page 62) must be exhausted before proceeding.
• Set MDIO Register 4 advertisement capabilities before setting MDIO bit 0.12 = 1 to enable
auto-negotiation.
2.5
Monitoring Operational Status
2.5.1
Monitoring Status via MII Registers
The Chip Status Register (Table 56 on page 72) provides a convenient indication of several status
conditions:
• Bit 20.13 is set to 1 once the link is established.
• Bits 20.11 and 20.12 indicate the link speed and duplex condition respectively.
• Bits 20.9 and 20.8 indicate the progress and status of auto-negotiation.
Refer to the Register Definition section on page 63 for additional details on specific registers.
Figure 12. Auto-Negotiation Operation
Auto
Negotiation
Start
Done
Enable
Auto-Neg/Parallel Detection
Go To Forced
Settings
Attempt Auto-
Negotiation
Listen for 10T
Link Pulses
Listen for 100TX
Idle Symbols
Link Set?
NO
YES
Power-Up, Reset,
Link Failure
Disable
Auto-Negotiation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com