Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 57 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 57 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 53Page - Intel Corporation LXT970A Datasheet HTML 54Page - Intel Corporation LXT970A Datasheet HTML 55Page - Intel Corporation LXT970A Datasheet HTML 56Page - Intel Corporation LXT970A Datasheet HTML 57Page - Intel Corporation LXT970A Datasheet HTML 58Page - Intel Corporation LXT970A Datasheet HTML 59Page - Intel Corporation LXT970A Datasheet HTML 60Page - Intel Corporation LXT970A Datasheet HTML 61Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
57
Figure 28. MII - 10BASE-T Receiving Timing
Table 37. MII - 10BASE-T Receive Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units2
RXD, RX_DV, RX_ER Setup to RX_CLK High
t7A
10
––
ns
RXD, RX_DV, RX_ER Hold from RX_CLK High
t7B
10
––
ns
TPI in to RXD out (Rx latency)
t7C
––
733
BT
CRS asserted to RXD, RX_DV, RX_ER asserted
t7D
0
–
693
BT
RXD, RX_DV, RX_ER de-asserted to CRS de-asserted
t7E
0
2.5 - 5.5
6
BT
TPI in to CRS asserted
t7F
0
4
5
BT
TPI quiet to CRS de-asserted
t7G
0
18
19
BT
TPI in to COL asserted
t7H
0
4
5
BT
TPI quiet to COL de-asserted
t7I
0
18
19
BT
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. BT is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit rate. 10BASE-T bit time = 10-
7 s or 100 ns.
3. CRS is asserted. RXD/RX_DV are driven at the start of SFD (64 BT).
RX_CLK
RXD,
RX_DV,
RX_ER
CRS
TPI
t7C
t7D
t7B
t7F
t7A
t7G
t7E
COL
t7H
t7I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com