Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 40 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 40 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 36Page - Intel Corporation LXT970A Datasheet HTML 37Page - Intel Corporation LXT970A Datasheet HTML 38Page - Intel Corporation LXT970A Datasheet HTML 39Page - Intel Corporation LXT970A Datasheet HTML 40Page - Intel Corporation LXT970A Datasheet HTML 41Page - Intel Corporation LXT970A Datasheet HTML 42Page - Intel Corporation LXT970A Datasheet HTML 43Page - Intel Corporation LXT970A Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
40
Datasheet
2.8.5
Additional Operating Features
2.8.6
Low-Voltage-Fault Detect
The LXT970A low-voltage fault detection function prevents transmission of invalid symbols when
VCC goes below normal operating levels. If this condition occurs, the LXT970A disables the
transmit outputs and sets 20.2 = 1. Operation is automatically restored when VCC returns to
normal. Table 26 on page 49 indicates voltage levels that detect and clear the low-voltage fault
condition.
2.8.7
Power Down Mode
The LXT970A goes into power down mode when PWRDWN is asserted. In this mode, all
functions are disabled except the MDIO. The power supply current is significantly reduced. This
mode can be used for energy-efficient applications or for redundant applications where there are
two devices and one is left as a stand-by. When the LXT970A is returned to normal operation,
configuration settings of the MDIO registers are maintained. Refer to Table 22 on page 47 for
power down specifications.
2.8.8
Software Reset
Software reset causes all state machines to be reset and the LXT970A to re-configure itself to the
settings of the hardware configuration pins (MF<4:0>, FDE, CFG0, CFG1).
The LXT970A is reset via software(0.15 = 1). This bit setting is maintained while the reset
operation is running. When the reset operation is complete, the LXT70 resets bit 0.15 = 0.
2.8.9
Hardware Reset
Hardware reset causes the LXT970A to reset all of its functions and re-configure itself based on the
hardware configuration pin settings.
The LXT970A performs a hardware reset when a Low signal is detected at the RESET pin. All
operational conditions must be met for this function to operate. VCC must be above 4.75V and
stable, and the RESET signal must be asserted for two cycles of the master input clock. The
LXT970A continues to drive an internal reset for a period of 300
µs after the RESET signal is de-
asserted to ensure that all functions start up smoothly. MII registers are not available and the MDIO
output is tri-stated during the internal reset period. Refer to Table 43 on page 62 for hardware reset
specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com