Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 69 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 69 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 65Page - Intel Corporation LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation LXT970A Datasheet HTML 69Page - Intel Corporation LXT970A Datasheet HTML 70Page - Intel Corporation LXT970A Datasheet HTML 71Page - Intel Corporation LXT970A Datasheet HTML 72Page - Intel Corporation LXT970A Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
69
Table 51. Auto Negotiation Expansion (Address 6)
Bit
Name
Description
Type 1
Default
6.15:5
Reserved
Ignore.
RO
0
6.4
Parallel
Detection Fault
1 = Parallel detection fault has occurred.
0 = Parallel detection fault has not occurred.
RO/
LH
0
6.3
Link Partner
Next Page Able
1 = Link partner is next page able.
0 = Link partner is not next page able.
RO
0
6.2
Next Page Able
Not Supported.
RO
0
6.1
Page Received
1 = 3 identical and consecutive link code words have been received from
link partner.
0 = 3 identical and consecutive link code words have not been received
from link partner.
RO/
LH
0
6.0
Link Partner
Auto Neg Able
1 = Link partner is auto-negotiation able.
0 = Link partner is not auto-negotiation able.
RO
0
1. RO = Read Only
LH = Latching High (This bit remains High until read, and then returns Low).
Table 52. Mirror Register (Address 16, Hex 10)
Bit
Name
Description
Type 1
Default
16.15:0
User Defined
This register is intended for use in checking the MII serial port and has no
effect on chip operation.
R/W
0
1. R/W = Read /Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com