Electronic Components Datasheet Search
  English  ▼

X  

LXT970A Datasheet(PDF) 71 Page - Intel Corporation

Part # LXT970A
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970A Datasheet(HTML) 71 Page - Intel Corporation

Back Button LXT970A Datasheet HTML 66Page - Intel Corporation LXT970A Datasheet HTML 67Page - Intel Corporation LXT970A Datasheet HTML 68Page - Intel Corporation LXT970A Datasheet HTML 69Page - Intel Corporation LXT970A Datasheet HTML 70Page - Intel Corporation LXT970A Datasheet HTML 71Page - Intel Corporation LXT970A Datasheet HTML 72Page - Intel Corporation LXT970A Datasheet HTML 73Page - Intel Corporation LXT970A Datasheet HTML 74Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
Dual-Speed Fast Ethernet Transceiver — LXT970A
Datasheet
71
Table 55. Configuration Register (Address 19, Hex 13)
Bit
Name
Description
Type 1
Default
19.15
Reserved
Write as 0; ignore on read.
R/W
N/A
19.14
Txmit Test
(100BASE-TX)
1 = 100BASE-T transmit test enabled, LXT970A transmits data
regardless of link status. This function is the analog of the link test
function (19.8) for 100BASE-TX.
0 = Normal operation.
R/W
0
19.13
Repeater Mode
1 = Enable Repeater Mode.
0 = Enable DTE Mode.
R/W
Note 2
19.12
MDIO_INT
1 = Enable interrupt signaling on MDIO (if 17.1 = 1).
0 = Normal operation (MDIO Interrupt disabled).
Bit is ignored unless the interrupt function is enabled
(17.1 = 1).
R/W
0
19.11
TP Loopback
(10BASE-T)
1 = Disable 10BT TP Loopback. Data transmitted by the MAC will not
loopback to the RXD, RX_DV, and CRS pins.
0 = Enable 10BT TP Loopback - Preamble, SFD, and data are directly
looped back to the MII.
R/W
0
19.10
SQE
(10BASE-T)
1 = Enable SQE.
0 = Disable SQE (Default).
R/W
0
19.9
Jabber
(10BASE-T)
1 = Disable jabber.
0 = Normal operation (jabber enabled).
R/W
0
19.8
Link Test
(10BASE-T)
1 = Disable 10BASE-T link integrity test.
0 = Normal operation (10BASE-T link integrity test enabled).
R/W
Note 3
19.7:6
LEDC
Programming bits
Determine condition indicated by LEDC.
bit 7 bit 6
Description
0
0
LEDC indicates collision
0
1
LEDC is off
1
0
LEDC indicates activity.
1
1
LEDC is continuously on (for diagnostic use).
R/W
0,0
19.5
Advance TX Clock
1 = TX clock is advanced relative to TXD<4:0> and TX_ER by 1/2
TX_CLK cycle.
0 = Normal operation.
R/W
0
19.4
5B Symbol/
(100BASE-X only)
4B Nibble
1 = 5-bit Symbol Mode (Bypass encoder/decoder);
RXD<4:0> symbol data is not aligned.
0 = 4-bit Nibble Mode (Normal operation).
R/W
Note 4
19.3
Scrambler
(100BASE-X only)
1 = Bypass transmit scrambler and receive descrambler.
0 = Normal operation (scrambler and descrambler enabled).
In FX mode, the LXT970A automatically bypasses the Scrambler.
Selecting Scrambler bypass in FX mode causes the LXT970A to also
bypass the 4B/5B encoder and enable Symbol mode MII operation.
R/W
Note 5
1. R/W = Read/Write
2. The default value of bit 19.13 is determined by pin MF1.
3. If auto-negotiation is disabled, the default value of bit 19.8 is determined by pin CFG1. If auto-neg is enabled, the default
value of bit 19.8 = 0.
4. The default value of bit 19.4 is determined by pin MF2 Operation.
5. The default value of bit 19.3 is determined by pin MF3 Operation.
6. If auto-negotiation is disabled, default value of bit 19.2 is determined by pin MF4. If auto-negotiation is enabled, default value
of bit 19.2 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com